Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CT0603CSF-R22M

  • AI
    The **CT0603CSF-R22M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits due to their high precision and excellent quality factor (Q). ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CT** | Series Prefix | Ceramic core, wire-wound chip inductor | | **0603** | Case Size | Imperial size (0.06 x 0.03 inches / 1.6 x 0.8 mm) | | **CSF** | Construction | Standard Ceramic Substrate / Ferrite variant | | **R22** | Inductance Value | R denotes the decimal point; **0.22 µH (220 nH)** | | **M** | Tolerance | **±20%** tolerance rating | --- ### 2. Key Technical Specifications Below are the typical electrical characteristics for this specific part: * **Inductance:** 220 nH (0.22 µH) * **Tolerance:** ±20% (Standard for "M" suffix) * **Quality Factor (Q):** Usually high (typically 25–40 at specific frequencies), allowing for sharp resonance in filter circuits. * **Self-Resonant Frequency (SRF):** Typically in the range of 800 MHz to 1.2 GHz, defining the maximum usable frequency. * **DC Resistance (DCR):** Usually ranges between 0.5Ω to 1.2Ω. * **Rated Current:** Generally between 200mA and 400mA depending on the specific manufacturer's thermal rating. --- ### 3. Construction and Materials The **Wire-Wound** nature of this part provides significant advantages over multilayer inductors: 1. **Ceramic Core:** Provides excellent thermal stability and a high SRF. 2. **Copper Wire:** Fine copper wire is wound around the core and welded to the terminal pads. 3. **Encapsulation:** Often coated with a clear epoxy or resin for mechanical protection and to allow for vacuum pick-and-place during assembly. --- ### 4. Common Applications Due to its 0603 form factor and RF characteristics, this part is commonly found in: * **Mobile Devices:** Cellular phone signal processing. * **Wireless Communication:** Bluetooth, Wi-Fi modules, and GPS receivers. * **Impedance Matching:** Matching circuits for antennas to maximize power transfer. * **Filters:** Band-pass and low-pass filters in high-frequency signal paths. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound and a multilayer inductor in RF circuits?
    • ⤷ How does the 'M' tolerance affect the performance of an LC filter?
    • ⤷ Can I replace a 0603 size inductor with an 0402 size if the inductance value is the same?