CS321613-R10K
AI

The **CS321613-R10K** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency filtering and signal decoupling applications.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical properties:
| Component Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CS** | Series Code | Multilayer Chip Inductor |
| **3216** | Dimensions (Metric) | 3.2mm x 1.6mm (Equivalent to **1206** Imperial) |
| **13** | Thickness | Approximately 1.3mm |
| **R10** | Inductance Value | R10 = 0.10 µH (100 nH) |
| **K** | Tolerance | ±10% |
---
### 2. Key Electrical Specifications
While specific values can vary slightly by manufacturer (such as Bourns or Chilisin), the standard parameters for a 0.10 µH 1206 inductor are:
* **Inductance:** 100 nH (0.10 µH)
* **Tolerance:** ±10%
* **Test Frequency:** Typically 25 MHz
* **Quality Factor (Q):** Usually 25–30 (minimum) at test frequency.
* **Self-Resonant Frequency (SRF):** Approximately 250–300 MHz.
* **DC Resistance (DCR):** Low, typically around 0.25Ω to 0.40Ω.
* **Rated Current:** Usually ranges between 200mA and 400mA (depending on temperature rise).
---
### 3. Construction and Material
* **Internal Structure:** It is a "Multilayer" inductor, meaning it is constructed by layering ceramic material and conductive paste (usually Silver) in a spiral pattern and firing them together into a monolithic block.
* **Magnetic Shielding:** Because the coil is buried inside the ceramic body, these inductors are inherently self-shielding, reducing electromagnetic interference (EMI) with neighboring components.
* **Termination:** Features solder-plated end-caps (usually Nickel/Tin over Silver) for standard Reflow or Wave soldering.
---
### 4. Common Applications
Due to its 1206 size and 100nH inductance, this part is ideal for:
1. **EMI Suppression:** Filtering high-frequency noise in power lines.
2. **Signal Conditioning:** Used in RF circuits to block high frequencies while passing low frequencies.
3. **Decoupling:** Placed near IC power pins to prevent digital noise from entering the power plane.
4. **Mobile Electronics:** Used in tablets, smartphones, and laptops where space is at a premium.
- ⤷
What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ How does the SRF (Self-Resonant Frequency) affect this inductor's performance in high-speed circuits?
- ⤷ Can this inductor be used for high-power DC-DC converters?