CRE06ROTP1S-R
AI

The **CRE06ROTP1S-R** is a specific electronic component belonging to the family of **Rotary DIP Switches**. These switches are commonly used on printed circuit boards (PCBs) to allow manual configuration or setting of binary codes for a device.
---
### 1. Technical Specifications
The part number typically breaks down into several key characteristics. Here is a summary of the technical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary DIP Switch |
| **Number of Positions** | 16 (Hexadecimal) |
| **Output Code** | Real Binary Code (0-15/0-F) |
| **Mounting Type** | Through-Hole (THT) |
| **Actuator Type** | Recessed Arrow (Flush) |
| **Pitch** | 2.54mm (Standard) |
| **Dimensions** | Approx. 7mm x 7mm (Compact size) |
| **Contact Material** | Gold Plated (for high reliability) |
---
### 2. Core Components and Materials
The "Electronic Parts" within this single unit consist of:
* **Housing:** Usually made of high-temperature liquid crystal polymer (LCP) or PBT plastic to withstand soldering processes.
* **Rotor:** The moving part that the user turns. It has an internal contact plate that bridges specific pins based on the angle.
* **Stator/Base:** Contains the fixed pins that are soldered into the PCB.
* **Wiping Contacts:** Small metal spring-fingers (often gold-plated) that ensure a low-resistance electrical connection even after years of inactivity.
---
### 3. Functional Operation
The **CRE06ROTP1S-R** acts as a 4-bit encoder. Depending on which of the 16 positions (0 through F) the arrow is pointed at, it connects a "Common" pin to a specific combination of four output pins (1, 2, 4, and 8).
**Binary Mapping Example:**
* **Position 0:** No outputs connected to Common.
* **Position 5:** Pins 1 and 4 are connected to Common ($1 + 4 = 5$).
* **Position F (15):** Pins 1, 2, 4, and 8 are all connected to Common.
---
### 4. Common Applications
* **Address Setting:** Assigning a unique ID to a device on a bus (like RS-485 or CAN bus).
* **Mode Selection:** Choosing between different firmware operational modes without needing a screen or software interface.
* **Industrial Controls:** Setting timer intervals or limit thresholds on PLCs and sensors.
- ⤷
What is the difference between 'Real' and 'Complement' binary codes in rotary switches?
- ⤷ How do I choose between a Through-Hole and an SMT version of this switch?
- ⤷ What are the soldering temperature limits for the CRE series switches?