Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CMT1-10-R

  • AI
    ## Technical Overview: CMT1-10-R The **CMT1-10-R** is a specific model of a **Common Mode Choke** (Inductor) manufactured by **Eaton (formerly Coiltronics)**. It is primarily used for EMI (Electromagnetic Interference) filtering in power supply lines and signal lines. --- ### 1. Key Technical Specifications Below are the core electronic characteristics of the CMT1-10-R: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 10.0 mH (Millihenries) | | **Rated Current** | 1.40 Amperes (A) | | **DC Resistance (DCR)** | 0.230 Ohms (Ω) Max | | **Mounting Type** | Through-Hole (Vertical Mount) | | **Configuration** | Toroidal Core (Dual Winding) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Components & Design * **Core Material:** Uses a high-permeability Ferrite Toroidal core. This shape is highly efficient at containing magnetic flux, reducing radiated interference. * **Winding Construction:** It features two identical coils wound on the same core. When current flows through these coils in the same direction (Common Mode), the impedance is high, effectively blocking the noise. * **Lead Finish:** The "-R" suffix indicates that the part is **RoHS Compliant** (lead-free). --- ### 3. Applications in Circuitry The CMT1-10-R is typically found in the input stages of electronic devices to ensure compliance with electromagnetic compatibility (EMC) standards. 1. **Switch Mode Power Supplies (SMPS):** Filters out high-frequency switching noise from returning to the power grid. 2. **AC-DC Converters:** Acts as a line filter to suppress incoming line noise. 3. **Industrial Equipment:** Protects sensitive logic circuits from "dirty" power environments. 4. **Renewable Energy:** Used in solar inverters to clean up signal output. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as two coupled inductors with dots indicating the phase/polarity. ```text Line In (1) o---( L1 )---o (2) Load (Core) Neutral (4) o---( L2 )---o (3) Return ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a common mode choke and a differential mode choke?
    • ⤷ How do I calculate the required inductance for an EMI filter?
    • ⤷ Are there surface-mount (SMD) equivalents to the CMT1 series?