CMLE041B-R47MS
AI

The **CMLE041B-R47MS** is a high-performance, low-profile **Power Inductor** manufactured by **Cyntec**. It belongs to the miniature molded power choke category, designed for high-density electronic circuits.
---
### 1. Technical Specifications
The part number reveals specific characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | Typ: 11.5 mΩ / Max: 13.8 mΩ |
| **Saturation Current (Isat)** | ~10.5 A (based on 30% inductance drop) |
| **Heat Rating Current (Irms)** | ~7.0 A (based on 40°C temperature rise) |
| **Operating Temperature** | -55°C to +125°C |
| **Dimensions (L x W x H)** | 4.45 x 4.06 x 1.2 mm |
---
### 2. Physical Construction
The CMLE series utilizes advanced material science to achieve high efficiency in a small footprint:
* **Molded Structure:** The coil is embedded within a metal powder magnetic core. This "molded" design provides excellent magnetic shielding and minimizes EMI (Electromagnetic Interference).
* **Lead-Free/RoHS:** The part is compliant with modern environmental standards (Halogen-free).
* **SMD Mount:** Designed for automated Surface Mount Technology (SMT) assembly.
---
### 3. Key Applications
Because of its high current handling and low profile (1.2mm height), this inductor is commonly found in:
1. **Mobile Devices:** Smartphones and tablets where board space is extremely limited.
2. **DC/DC Converters:** Used as the storage element in buck/boost regulators.
3. **Laptops/Computing:** Powering CPU/GPU rails or DDR memory modules.
4. **IoT Modules:** Providing stable power in small-form-factor wireless sensors.
---
### 4. Part Number Breakdown
`CMLE` `04` `1B` - `R47` `M` `S`
* **CMLE:** Series Name (Low Profile Molded Inductor).
* **04:** External Dimensions (approx 4.0mm).
* **1B:** Height Code (approx 1.2mm).
* **R47:** Inductance Value (R47 = 0.47 µH).
* **M:** Tolerance (±20%).
* **S:** Internal tracking/standard code.
- ⤷
What are the direct equivalents for this inductor from brands like Vishay or TDK?
- ⤷ How does the saturation current (Isat) affect the performance of this part in a buck converter?
- ⤷ What is the recommended PCB footprint for the CMLE041B series?