CFWKA450KBFY001-R0
AI

## CFWKA450KBFY001-R0: Electronic Component Overview
The **CFWKA450KBFY001-R0** is a specific type of **Ceramic Filter** manufactured by **Murata Electronics**. It belongs to the **CFWKA** series, which are miniaturized, high-performance ceramic filters primarily used in the Intermediate Frequency (IF) stage of radio communication equipment.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (fo)** | 450 kHz |
| **Bandwidth (at 6dB)** | ±2.0 kHz min (Total 4.0 kHz) |
| **Bandwidth (at 50dB)** | ±7.5 kHz max |
| **Insertion Loss** | 6.0 dB max |
| **Input/Output Impedance** | 3.0 kΩ |
| **Operating Temperature** | -20°C to +80°C |
| **Mounting Type** | Surface Mount Device (SMD) |
---
### 2. Functional Description
A ceramic filter acts as a **Band-pass Filter**. Its job is to allow signals within a specific frequency range (around 450 kHz) to pass through while significantly attenuating (blocking) signals outside that range.
* **Piezoelectric Effect:** The device utilizes the mechanical resonance of piezoelectric ceramics. When an electrical signal is applied, the ceramic vibrates; it only allows frequencies that match its physical resonance to pass to the output side efficiently.
* **Selectivity:** With a 50dB bandwidth of only ±7.5 kHz, this filter provides high "selectivity," meaning it is excellent at filtering out noise from adjacent channels in radio communication.
---
### 3. Application Areas
The CFWKA450KBFY001-R0 is typically found in narrowband communication devices:
1. **Two-way Radios:** Used in professional walkie-talkies and land mobile radios.
2. **Pagers:** Filtering the IF signal in paging receivers.
3. **AM Receivers:** Specifically for narrow-band AM or SSB (Single Side Band) communications.
4. **Cordless Phones:** Used in older analog wireless communication systems.
---
### 4. Part Number Breakdown (Typical Murata Nomenclature)
| Code Segment | Meaning |
| :--- | :--- |
| **CFWKA** | Series Name (Ceramic Filter, Surface Mount) |
| **450K** | Nominal Center Frequency (450 kHz) |
| **BFY** | Characteristics/Bandwidth Code |
| **001-R0** | Packaging code (usually refers to Tape & Reel) |
---
### 5. Circuit Design Tip
When integrating this part into a circuit, ensure that the **source and load impedances** match the specified **3.0 kΩ**. If the impedance is mismatched, the filter will exhibit higher insertion loss and distorted frequency response (ripples in the passband).
- ⤷
What are the advantages of using a ceramic filter over a standard LC filter circuit?
- ⤷ How does temperature affect the frequency stability of the CFWKA series?
- ⤷ Can this filter be used in modern digital FM receivers?