Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CFS-0701TB

  • AI
    The **CFS-0701TB** is a specific model of a **DIP Switch**, typically belonging to a series of surface-mount or through-hole electronic components used for manual circuit configuration. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Device Classification The CFS series generally refers to **Slide-type DIP Switches**. These are mechanical switches designed to be mounted on a printed circuit board (PCB) to provide a range of binary inputs to an electronic system. | Feature | Description | | :--- | :--- | | **Switch Type** | DIP (Dual In-line Package) | | **Actuator Style** | Flush or Raised Slide | | **Pole Configuration** | SPST (Single Pole Single Throw) | | **Positions** | 7 Positions (indicated by the "07" in the part number) | --- ## 2. Technical Specifications The electrical performance of these switches is critical for ensuring signal integrity in low-power logic circuits. ### Electrical Ratings * **Switching Capacity:** Usually rated at **25mA, 24V DC**. * **Non-Switching Rating:** Can handle up to **100mA, 50V DC**. * **Contact Resistance:** Initially $< 50m\Omega$. * **Insulation Resistance:** $> 100M\Omega$ at 500V DC. * **Dielectric Strength:** 500V AC for 1 minute. ### Physical & Environmental * **Terminal Type:** The "TB" suffix often denotes **Top Tape Sealed** for washability or a specific **Gull-wing (SMT)** terminal shape. * **Temperature Range:** Typically $-40^\circ C$ to $+85^\circ C$. * **Durability:** Mechanical life of approximately 1,000 to 2,000 cycles. --- ## 3. Pinout and Circuit Structure The "07" indicates that this unit contains **7 independent switches** housed in a single block. ```text TOP VIEW (7-Position) +-----------------------+ ON | [ ] [ ] [ ] [ ] [ ] [ ] [ ] | | 1 2 3 4 5 6 7 | OFF | | +--|---|---|---|---|---|---|--+ | | | | | | | (Output Pins) ``` --- ## 4. Common Applications Electronic designers use the CFS-0701TB for settings that do not change frequently: 1. **Address Setting:** Assigning unique IDs to devices on a communication bus (e.g., RS-485 or DMX). 2. **Configuration:** Selecting baud rates, frequency channels, or operating modes. 3. **Security Codes:** Manual code setting for garage door openers or remote controls. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TB and TA suffixes in this series?
    • ⤷ How should the CFS-0701TB be soldered to prevent damage to the plastic housing?
    • ⤷ Are there specific cleaning requirements for the 'Top Tape' version of this switch?