Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CEC-RWC-18687

  • AI
    The **CEC-RWC-18687** is a specialized electronic control board, commonly utilized in industrial or high-end residential refrigeration and wine cooling systems (such as those manufactured by **Cavavin** or **Cuisinart/EuroCave** variations). Below is a breakdown of the electronic components and architecture typically found on this specific PCB (Printed Circuit Board) assembly. --- ## 1. Core Component Categories | Category | Component Types | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 8-bit or 32-bit IC | The "brain" that processes sensor data and executes cooling logic. | | **Power Conversion** | Transformers & Bridge Rectifiers | Converts AC wall power to DC voltage (typically 12V and 5V). | | **Switching Elements** | Relays or Triacs | Acts as the heavy-duty switch for the compressor and fans. | | **Connectors** | JST or Molex Headers | Interface points for thermistors, LCD displays, and LED lighting. | --- ## 2. Detailed Technical Breakdown ### A. Power Supply Section Most CEC-RWC-18687 boards feature a **Switch Mode Power Supply (SMPS)** or a linear transformer design. * **Capacitors:** Electrolytic capacitors (often rated at 25V or 50V) filter the voltage ripple. If the board fails to power on, these are the most common points of failure. * **Voltage Regulators:** Standard L7805 or similar chips are used to step down voltage for the digital logic circuits. ### B. Input/Output (I/O) Interface The board manages the environment through several specific ports: 1. **NTC Thermistor Inputs:** Resistance-based ports that read the internal cabinet temperature. 2. **User Interface (UI) Header:** A multi-pin ribbon cable connector that sends data to the front-facing buttons and temperature display. 3. **Door Switch Input:** A simple logic circuit that triggers internal LED lights and pauses fans when the door is opened. ### C. Output Drivers * **Compressor Relay:** A large black rectangular component. It handles the high-inrush current required to start the refrigerant compressor. * **DC Fan Headers:** Pulse Width Modulation (PWM) or simple DC outputs that drive the internal circulation fans and the external condenser fan. --- ## 3. Common Failure Points & Troubleshooting If you are repairing this specific board, pay attention to these electronic symptoms: | Symptom | Suspected Electronic Part | | :--- | :--- | | **No Power / Dead Board** | Blown fuse (T2A 250V) or failed electrolytic capacitors. | | **Compressor Won't Start** | Faulty **Relay** (clicking sound but no cooling) or cracked solder joints. | | **Erratic Temp Readings** | Corroded **NTC Thermistor** connectors or failed pull-up resistors. | | **Flashing Display** | Voltage instability in the **DC Filter** stage. | --- ## 4. Safety Specification > **Warning:** This board handles mains voltage (110V/220V AC). Always disconnect power before inspecting the electronic components. Use a Multimeter to check the continuity of the fuse and the DC output levels at the voltage regulator.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage outputs for the fan headers on the CEC-RWC-18687?
    • ⤷ How can I test the compressor relay on this board using a multimeter?
    • ⤷ Which thermistor resistance (kOhm) is compatible with this control board?