CDBKB455KCLX39-R0
AI

The **CDBKB455KCLX39-R0** is a specific surface-mount (SMD) ceramic discriminator manufactured by **Murata Electronics**. It is primarily used in FM demodulation circuits to convert frequency variations into audio or data signals.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Manufacturer** | Murata Electronics |
| **Component Type** | Ceramic Discriminator |
| **Center Frequency (fo)** | 455 kHz |
| **Package Type** | SMD (Surface Mount Device) |
| **Dimensions** | Approx. 4.5 x 5.2 x 2.0 mm |
| **Operating Temperature** | -20°C to +80°C |
| **Demodulation Bandwidth** | ±4.0 kHz min. (at 3dB) |
---
### 2. Functional Overview
A ceramic discriminator acts as a resonant element in FM detection stages. Unlike a standard filter which blocks frequencies, the discriminator works with an IC (Integrated Circuit) to create a phase shift.
* **Detection Method:** It is typically paired with FM IF (Intermediate Frequency) ICs (like those from Toshiba or NXP) to form a **Quadrature Detection** circuit.
* **Frequency Response:** It is tuned specifically to **455 kHz**, which is the standard intermediate frequency for narrowband FM communication.
### 3. Common Applications
This part is commonly found in communication equipment where space is at a premium and high reliability is required:
1. **Two-way Radios:** Handheld walkie-talkies and mobile transceivers.
2. **Pagers:** Legacy wireless messaging devices.
3. **Cordless Phones:** Standard analog or early digital cordless systems.
4. **Narrowband Receivers:** Various industrial telemetry and remote control systems.
### 4. Part Number Breakdown
While Murata codes are complex, the string conveys specific data:
* **CDB**: Ceramic Discriminator.
* **KB**: Specific series/material characteristics.
* **455**: Center frequency in kHz.
* **KCLX**: Tolerance and bandwidth grade.
* **R0**: Packaging code (usually refers to Tape & Reel for automated assembly).
---
- ⤷
What is the difference between a ceramic filter and a ceramic discriminator?
- ⤷ Which specific FM ICs are compatible with the CDBKB455KCLX39-R0?
- ⤷ What are the soldering precautions for this SMD ceramic component?