CD214B-R2800
AI

### CD214B-R2800: Electronic Component Overview
The **CD214B-R2800** is a high-voltage, surface-mount (SMD) fast recovery rectifier diode manufactured by **Bourns**. It is designed for power conversion applications where high efficiency and high voltage tolerance are required.
---
### 1. Key Technical Specifications
The following table outlines the core electrical characteristics of the device:
| Parameter | Value |
| :--- | :--- |
| **Component Type** | Fast Recovery Rectifier |
| **Package / Case** | SMB (DO-214AA) |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 800 V |
| **Maximum Average Forward Current ($I_{F(AV)}$)** | 2.0 A |
| **Maximum Forward Voltage ($V_F$)** | 1.7 V (at 2A) |
| **Maximum Reverse Recovery Time ($t_{rr}$)** | 500 ns |
| **Operating Temperature Range** | -55°C to +150°C |
---
### 2. Physical Construction and Packaging
* **Package Style:** It utilizes the **CD214B** format, which corresponds to the industry-standard **SMB (DO-214AA)** footprint.
* **Termination:** It features lead-free, solderable terminals, making it compatible with modern SMT (Surface Mount Technology) assembly lines.
* **Polarity:** Indicated by a cathode band on the body of the component.
---
### 3. Functional Features
* **High Voltage Handling:** With an 800V rating, it is suitable for AC-to-DC rectification in mains-powered devices.
* **Fast Recovery:** The 500ns recovery time is significantly faster than standard rectifiers (like the 1N400x series), which reduces switching losses and heat generation.
* **Low Profile:** The SMB package is designed for space-constrained PCB layouts while still providing adequate thermal dissipation.
---
### 4. Typical Applications
The CD214B-R2800 is commonly used in the following circuits:
1. **Switching Power Supplies (SMPS):** Used for rectification in the secondary stage.
2. **Freewheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads (motors, relays).
3. **DC-DC Converters:** Acts as a high-voltage bypass or clamping diode.
4. **Inverters:** Used in solar power or motor drive applications.
---
### 5. Identification (Part Number Breakdown)
* **CD:** Chip Diode.
* **214B:** SMB / DO-214AA Package.
* **R:** Rectifier.
* **2:** Current Rating (2.0 Amperes).
* **800:** Voltage Rating (800 Volts).
- ⤷What is the difference between a fast recovery diode and a standard recovery diode?
- ⤷ What are the recommended soldering profiles for the SMB package?
- ⤷ Can this diode be used in high-frequency switching above 1MHz?