CA-RSPNMB020
AI

The **CA-RSPNMB020** is a specialized RF (Radio Frequency) coaxial cable assembly typically used in wireless networking, telecommunications, and antenna systems. Below is a breakdown of its electronic components and technical specifications.
---
## 1. Product Overview
The CA-RSPNMB020 is a high-performance jumper cable designed to connect radio equipment to antennas or lightning arrestors. The model name encodes its primary features: **RP-SMA** to **N-Male** connectors on a **020** (20-foot) length of cable.
## 2. Component Specifications
### A. Connector Interface
The cable features two different interface types to bridge mismatched hardware ports:
| Component | Type | Gender | Details |
| :--- | :--- | :--- | :--- |
| **Connector A** | RP-SMA | Plug (Male) | Reverse Polarity SMA. Common on Wi-Fi routers and access points. |
| **Connector B** | N-Type | Plug (Male) | Rugged, threaded connector used for outdoor antennas and industrial equipment. |
### B. Cable Type (LLC200 / LMR-200 Equivalent)
This assembly usually utilizes **Low Loss Coaxial (LLC200)** cable. This is preferred over standard RG-58 because it provides better shielding and lower signal attenuation.
* **Center Conductor:** Typically Solid Bare Copper (BC).
* **Dielectric:** Foam Polyethylene (FPE), which provides consistent impedance.
* **Shielding:** Double-shielded (Tinned Copper Braid + Aluminum Tape) to prevent EMI/RFI interference.
* **Jacket:** Black PVC or PE (Polyethylene) for UV resistance.
---
## 3. Electrical Characteristics
The performance of the CA-RSPNMB020 is defined by its ability to transmit high-frequency signals with minimal loss.
| Parameter | Value |
| :--- | :--- |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | DC to 6 GHz (Supports 2.4GHz and 5GHz Wi-Fi) |
| **V.S.W.R.** | ≤ 1.4:1 |
| **Insertion Loss** | Approximately 1.8 dB to 2.5 dB (at 2.4GHz over 20ft) |
---
## 4. Physical Dimensions
* **Length:** 20 Feet (approx. 6 meters).
* **Outer Diameter:** ~4.95 mm (0.195 inches).
* **Weight:** Approximately 0.6 lbs.
## 5. Common Applications
* **Wi-Fi Extension:** Connecting an indoor router (RP-SMA) to an outdoor high-gain antenna (N-Female).
* **Industrial IoT:** Connecting cellular gateways to external mast antennas.
* **Lightning Protection:** Linking a wireless bridge to a surge protector.
---
- ⤷
What is the difference between SMA and RP-SMA in this context?
- ⤷ How does the length of 20 feet affect signal loss compared to a 5-foot cable?
- ⤷ Can this cable be used for outdoor weather-exposed installations?