CA-RSPNMA010
AI

The **CA-RSPNMA010** is a specialized RF (Radio Frequency) coaxial cable assembly typically used for bridging wireless communication devices to external antennas. Below is a detailed breakdown of its electronic parts and specifications.
---
### 1. Component Breakdown
The assembly consists of three primary electronic/mechanical parts:
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Connector A** | RP-SMA Male | Reverse Polarity SMA connector (Pin is female, threads are internal). |
| **Connector B** | N-Type Male | Standard N-type connector used for high-power or outdoor RF signals. |
| **Coaxial Cable** | LMR-195 (or equivalent) | Low-loss communication cable designed for high-frequency signals. |
### 2. Technical Specifications
This cable is engineered to minimize signal degradation (attenuation) across specific frequency bands (typically 0–6 GHz).
* **Impedance:** 50 Ohms (Standard for RF communications).
* **Frequency Range:** DC up to 6 GHz (Commonly used for 2.4GHz and 5GHz Wi-Fi).
* **VSWR (Voltage Standing Wave Ratio):** Typically < 1.35:1 (Indicates efficient power transfer).
* **Cable Diameter:** ~4.95 mm.
### 3. Electronic Functionality
The CA-RSPNMA010 serves as a **Pigtail Adapter**. Its electronic purpose includes:
1. **Impedance Matching:** Ensures the 50-ohm output of a radio (like a Wi-Fi router or IoT Gateway) matches the 50-ohm input of an antenna to prevent signal reflections.
2. **Shielding:** The cable utilizes a dual-shielding layer (tinned copper braid and aluminum tape) to prevent Electromagnetic Interference (EMI) from leaking in or out.
3. **Interface Conversion:** It bridges the small-scale RP-SMA port found on consumer electronics to the rugged N-Type port found on industrial outdoor antennas.
### 4. Typical Applications
* Connecting **Wi-Fi Access Points** to high-gain outdoor antennas.
* **Helium Miners (LoRaWAN)** setups where the miner has an RP-SMA port and the antenna uses an N-Type connector.
* **Cellular Boosters** and signal repeaters.
---
- ⤷What is the difference between SMA and RP-SMA connectors?
- ⤷ How much signal loss occurs per meter in an LMR-195 cable?
- ⤷ Can this cable be used for 5G applications?