Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CA-RSPNFA020

  • AI
    ### Overview of CA-RSPNFA020 The **CA-RSPNFA020** is an industrial-grade **RF (Radio Frequency) Pigtail Cable Assembly**. It is primarily used to bridge the connection between high-frequency communication modules (like Wi-Fi, Bluetooth, or LTE cards) and external antennas. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector A** | RP-SMA Female (Bulkhead) | | **Connector B** | U.FL (IPEX) | | **Cable Type** | 1.13mm Micro-Coaxial | | **Impedance** | 50 Ohms | | **Frequency Range** | DC to 6 GHz | | **Length** | 200mm (approx. 8 inches) | --- ### Electronic Components & Anatomy #### 1. U.FL (IPEX) Connector * **Purpose:** This is the small, snap-on connector that attaches directly to a Printed Circuit Board (PCB). * **Electronics:** It features a gold-plated center contact to minimize signal loss at high frequencies. It is designed for low-profile applications (laptops, embedded routers). #### 2. RP-SMA Female Bulkhead Connector * **Purpose:** The "Reverse Polarity SMA" is the standard interface for external antennas. * **Structure:** The "Bulkhead" design includes a nut and washer, allowing it to be securely mounted through a hole in a metal or plastic chassis. * **Polarity Note:** Unlike standard SMA, RP-SMA switches the pin and socket configuration to comply with certain FCC regulations regarding non-standard antenna connectors. #### 3. 1.13mm Coaxial Cable * **Shielding:** Uses a braided copper shield to prevent Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). * **Dielectric:** A thin layer of insulation (usually PTFE) separates the center conductor from the shield, maintaining the **50 Ohm characteristic impedance** required for efficient power transfer. --- ### Common Applications * **Industrial IoT:** Connecting an internal Wi-Fi module to an external antenna on a control box. * **Single Board Computers:** Used with Raspberry Pi (with add-on hats) or Jetson Nano modules. * **Networking Gear:** Internal wiring for wireless routers and access points. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between SMA and RP-SMA connectors?
    • ⤷ How does the 50 Ohm impedance affect signal quality in this cable?
    • ⤷ What are the installation precautions for the fragile U.FL connector?