Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • CA-RSPNFA004

  • AI
    The **CA-RSPNFA004** is a specialized radio frequency (RF) adapter cable, primarily used in industrial and automotive telematics applications. It is designed to bridge connections between cellular/GPS modules and external antennas. --- ## 1. Technical Specifications This component is an **N-Type Female to SMA Male** pigtail adapter. Below are the key electronic and physical characteristics: | Property | Value / Specification | | :--- | :--- | | **Connector A** | N-Type Female (Bulkhead) | | **Connector B** | SMA Male (Straight) | | **Cable Type** | RG58 C/U or LMR-195 (High Shielding) | | **Impedance** | 50 Ohms (Standard RF) | | **Frequency Range** | DC to 6 GHz | | **VSWR** | ≤ 1.5:1 (Typical) | | **Length** | Usually 4 to 12 inches (mfg dependent) | --- ## 2. Component Breakthrough ### A. The N-Type Female Connector The N-type connector is a heavy-duty, threaded, weatherproof connector. In the CA-RSPNFA004, the "Female" aspect refers to the socket for the center pin. These are commonly found on the chassis of outdoor enclosures or heavy-duty antennas due to their ability to handle high power and vibrations. ### B. The SMA Male Connector The SMA (Sub-Miniature version A) connector is a precision screw-type interface. It is the industry standard for small RF devices like Wi-Fi routers, LTE modems, and GPS modules. ### C. The Coaxial Cable (RG58/LMR-195) The cable used is designed for low signal attenuation (loss). Since high-frequency signals (like 5G or Wi-Fi) degrade quickly over distance, this cable uses: - **Center Conductor:** Carries the RF signal. - **Dielectric Insulator:** Maintains the 50-ohm spacing. - **Shielding:** Prevents Electromagnetic Interference (EMI). --- ## 3. Common Applications The CA-RSPNFA004 is most frequently used in the following scenarios: 1. **Enclosure Interfacing:** When an RF module is inside a metal box, this cable acts as a "bulkhead" pass-through, allowing an external antenna to be screwed onto the N-Type side. 2. **Industrial IoT:** Connecting cellular gateways to high-gain outdoor antennas. 3. **Test Bench Setup:** Adapting lab equipment (N-Type) to consumer devices (SMA). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum signal loss (attenuation) for this cable at 2.4 GHz?
    • ⤷ Does the CA-RSPNFA004 support RP-SMA (Reverse Polarity) variants?
    • ⤷ Is this cable rated for outdoor/UV-exposed environments?