Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • C3-R10-10

  • AI
    The designation **C3-R10-10** typically refers to a specific naming convention used in electronic circuit design (schematics) and Bill of Materials (BOM) management. In electronics, these alphanumeric codes are known as **Reference Designators**. Here is a breakdown of what each segment typically represents: ### 1. Breakdown of the Component ID | Segment | Type | Description | | :--- | :--- | :--- | | **C3** | **Capacitor** | The "C" identifies the component as a capacitor. "3" means it is the third capacitor listed in that specific circuit section. | | **R10** | **Resistor** | The "R" identifies the component as a resistor. "10" indicates it is the tenth resistor in the circuit sequence. | | **-10** | **Suffix/Value** | This often refers to a physical characteristic, such as a **0603 or 0805 package size**, or a specific tolerance/rating (e.g., 10%). | --- ### 2. Common Functions in a Circuit Depending on how these parts are wired together, they usually perform one of the following roles: #### A. RC Filter (Low-Pass/High-Pass) When a Resistor (R) and Capacitor (C) are paired, they create a filter. * **Purpose:** To remove high-frequency noise from a signal or to smooth out voltage ripples. * **Formula:** The cutoff frequency is calculated as $f = 1 / (2 \pi RC)$. #### B. Timing Circuit In older analog circuits (like a 555 timer), the combination of R10 and C3 determines the "pulse" or delay time of the device. #### C. Decoupling and Termination * **C3:** Likely a decoupling capacitor placed near an IC to provide a local energy reservoir. * **R10:** Likely a pull-up or series termination resistor to prevent signal reflection. --- ### 3. Example Technical Specifications If this were a standard SMD (Surface Mount Device) assembly, the specifications might look like this: ```yaml Component_Group: C3-R10 C3_Specs: Type: Ceramic (MLCC) Value: 0.1uF or 10uF (Common values) Voltage: 16V or 50V R10_Specs: Type: Thick Film Chip Resistor Resistance: 10k Ohms (Common "10" designation) Power: 0.1W (1/10th Watt) ``` --- ### 4. How to Identify them on a PCB 1. **Look for the Silkscreen:** On the physical Green/Blue board, look for white text labeled "C3" and "R10". 2. **Color Coding:** * **Resistors (R10):** Usually black with a 3-digit code (e.g., "103" for 10k). * **Capacitors (C3):** Usually light brown or tan and often have no markings on the body.
    ✨ Follow-up Questions
    • ⤷ Are you looking for the specific resistance and capacitance values for a specific device?
    • ⤷ Do you need help calculating the frequency response of an RC circuit?
    • ⤷ How do I identify these parts on a physical circuit board?