Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • C20-R18K

  • AI
    The part number **C20-R18K** typically refers to a **Surface Mount Device (SMD) Thick Film Chip Resistor**. In electronic component nomenclature, this coding follows a specific standard used by manufacturers like *Yageo*, *Panasonic*, or *Vishay*. --- ### 1. Breakdown of the Component Code | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **C** | Chip | Refers to the physical form factor (Chip Resistor). | | **20** | Size Code | Corresponds to the **0805** imperial size (approx. 2.0mm x 1.25mm). | | **R** | Component Type | Indicates a Resistor. | | **18K** | Resistance Value | **18,000 Ohms** (18 kΩ). | --- ### 2. Technical Specifications Based on standard industry data for a "20" series (0805 size) resistor: * **Resistance Value:** 18 kΩ (18,000 Ohms). * **Package Size:** 0805 (Metric 2012). * **Dimensions:** 2.00mm x 1.25mm. * **Power Rating:** Typically **1/8W (0.125W)** or **1/10W (0.10W)** depending on the manufacturer. * **Tolerance:** Usually **±1%** (indicated by an 'F' in extended codes) or **±5%** (indicated by a 'J'). * **Temperature Coefficient:** ±100ppm/°C to ±200ppm/°C. --- ### 3. Usage in Circuitry The **18kΩ resistor** is a versatile value commonly used for the following functions: 1. **Pull-up/Pull-down Resistors:** Used in digital logic to ensure a pin stays at a defined high or low state. 2. **Voltage Dividers:** Often paired with another resistor to scale down a voltage for ADC (Analog to Digital Converter) inputs. 3. **Current Limiting:** Used to limit the current flowing through low-power LEDs or transistor bases. 4. **RC Filters:** Combined with a capacitor to create timing circuits or signal filters. --- ### 4. Typical Marking (Coding on Component) Because SMD resistors are very small, the value "18K" is often printed using a 3-digit or 4-digit code: * **3-Digit Code:** `183` (18 followed by 3 zeros = 18,000). * **4-Digit Code (Precision):** `1802` (180 followed by 2 zeros = 18,000).
    ✨ Follow-up Questions
    • ⤷What is the difference between 0805 and 0603 resistor sizes?
    • ⤷ How do I calculate the maximum voltage for an 18k resistor?
    • ⤷ What does the 'K' specifically stand for in the tolerance rating?