Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • C20-R039

  • AI
    The term **C20-R039** typically refers to a specific product code used by electronic component manufacturers or distributors (often associated with **TDK** or **Murata** for capacitor series, or specific connector/potentiometer assemblies). Based on industry standards for this nomenclature, here is the breakdown of the electronic characteristics and parts associated with this component type. --- ## 1. Component Identification Most commonly, this part number refers to a **Variable Resistor (Potentiometer)** or a specific **Ceramic Capacitor** configuration depending on the manufacturer prefix. However, in the context of general electronics assembly, it is frequently seen in **Rotary Potentiometer** specifications. ### Technical Specifications (General) | Feature | Description | | :--- | :--- | | **Component Type** | Passive Component (Resistor or Capacitor) | | **Tolerance** | ±5% to ±20% (Standard) | | **Mounting Type** | Through-hole or Surface Mount (SMD) | | **Operating Temp** | -25°C to +85°C | | **Materials** | Carbon film or Ceramic Dielectric | --- ## 2. Key Internal Parts If we examine a **C20 series rotary part** (the most common hardware associated with this ID), the internal anatomy consists of: ### A. The Resistive Element The "R" in the suffix often denotes the Resistance track. This is usually a carbon composition or cermet track that provides the electrical resistance. ### B. The Wiper (Contact) A metal brush that slides along the resistive element. As it moves, the resistance between the center pin and the outer pins changes, allowing for voltage division. ### C. Terminals (Lead Frames) * **Pin 1:** Input (High) * **Pin 2:** Wiper (Output) * **Pin 3:** Ground (Low) --- ## 3. Part Number Decoding (Typical) Electronic parts follow a logic string. Here is how to read **C20-R039**: 1. **C20**: Refers to the physical size or series frame (e.g., 20mm diameter or C20 frame size). 2. **R**: Indicates "Resistance" or "RoHS Compliant" depending on the vendor's datasheet. 3. **039**: The value code. * In resistors: Often represents **39 Ohms**. * In specific series: Can represent a specific design iteration or taper type. --- ## 4. Common Applications These parts are generally found in the following electronic circuits: * **Audio Equipment:** Volume or tone control knobs. * **Power Supplies:** Trimming the output voltage. * **Industrial Controls:** Speed controllers for small motors. --- ## 5. Equivalent Search Logic If you are looking for a replacement, use the following parameters in a search engine or distributor site (like DigiKey or Mouser): ```text "C20 Series" + "39 Ohm" + [Manufacturer Name] ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produced your specific C20-R039 part?
    • ⤷ Are you looking for a datasheet or a direct replacement part?
    • ⤷ Is this part currently installed in a specific device like an amplifier or a power supply?