Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • BL-R3121F

  • AI
    The **BL-R3121F** is a highly integrated IEEE 802.11b/g/n WLAN module, commonly used in embedded systems, IoT devices, and set-top boxes. It is based on the **Realtek RTL8188FTV** chipset. --- ### ## 1. Key Technical Specifications The module is designed for high-speed wireless connectivity via a USB interface. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V +/- 0.2V | | **Antenna Type** | External (via I-PEX connector or solder pad) | --- ### ## 2. Functional Electronic Components The module consists of several critical electronic sub-sections integrated into a small PCB: 1. **MAC/Baseband Processor:** Handles the 802.11 protocols and coordinates data flow between the USB interface and the radio. 2. **Radio Frequency (RF) Front-end:** Includes the Power Amplifier (PA), Low Noise Amplifier (LNA), and RF Switch for signal transmission and reception. 3. **Clock/Crystal Oscillator:** Typically operates at **40MHz**, providing the timing reference for the chipset. 4. **Power Management Unit (PMU):** Converts the input 3.3V to the internal core voltages required by the RTL8188FTV chip. --- ### ## 3. Pinout and Hardware Integration The BL-R3121F usually utilizes a stamp-hole (castellated holes) design for easy SMT soldering. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **USB_D-** | USB Data - | | 2 | **USB_D+** | USB Data + | | 3 | **GND** | Ground | | 4 | **3.3V** | Power Supply Input | | 5 | **CHIP_EN** | Chip Enable (Active High) | | 6 | **RF_ANT** | RF Output (To Antenna) | --- ### ## 4. Application Considerations * **Host Interface:** It communicates with the host CPU (like ARM, MIPS, or x86) via the **USB 2.0** protocol. * **Operating Systems:** Requires drivers for Linux, Android, or Windows. In Linux, it usually utilizes the `rtl8188fu` or `rtl8188ftv` driver module. * **Power Consumption:** It is optimized for low power, making it suitable for portable devices, though it requires a stable 3.3V source capable of handling peak currents during transmission.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements during peak transmission for the BL-R3121F?
    • ⤷ Does this module support both Soft-AP and Station modes simultaneously?
    • ⤷ How do I configure the external antenna circuit for optimal signal integrity?