Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • BL-R2139B

  • AI
    The **BL-R2139B** is a highly integrated, low-power Wi-Fi module based on the **Realtek RTL8189ES** or **RTL8189FTV** chipset (depending on the specific revision). It is primarily designed for high-performance wireless connectivity in embedded systems. ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Chipset** | Realtek RTL8189ES / RTL8189FTV | | **Standard** | IEEE 802.11b/g/n (1T1R) | | **Interface** | SDIO 1.1 / 2.0 / 3.0 | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna** | External (via I-PEX/U.FL connector) or PCB trace | --- ### 2. Main Hardware Components The module consists of several critical electronic sections: #### A. Radio Frequency (RF) Section * **PA (Power Amplifier):** Boosts the signal for transmission. * **LNA (Low Noise Amplifier):** Improves signal sensitivity during reception. * **RF Switch:** Toggles between Transmit (TX) and Receive (RX) modes. * **Crystal Oscillator:** Typically a **26MHz** or **40MHz** high-precision crystal used to provide the clock signal for frequency synthesis. #### B. Power Management Unit (PMU) * The module integrates internal LDOs (Low Dropout Regulators) to convert the 3.3V input into the lower core voltages (e.g., 1.2V or 1.8V) required by the chipset. #### C. SDIO Interface * The **SDIO (Secure Digital Input Output)** interface is the primary communication bridge between the host processor (e.g., Rockchip, Allwinner, or Raspberry Pi) and the module. It supports high-speed data transfer required for HD video streaming or fast file transfers. --- ### 3. Pinout and Physical Characteristics The module is usually designed as a **Stamp Hole (LGA)** package for surface mounting. ```text Typical Pin Assignments: 1. GND - Ground 2. SDIO_D2 - Data Line 2 3. SDIO_D3 - Data Line 3 4. SDIO_CMD - Command Line 5. SDIO_CLK - Clock Line 6. SDIO_D0 - Data Line 0 7. SDIO_D1 - Data Line 1 8. VCC - 3.3V Power Supply 9. WL_EN - Wireless Enable (High for ON) ``` --- ### 4. Typical Applications Due to its small form factor and low power consumption, the BL-R2139B is commonly found in: * **OTT Boxes / Smart TVs** * **IP Cameras** (Surveillance) * **Industrial Tablets** * **Portable Media Players** * **Smart Home Appliances**
    ✨ Follow-up Questions
    • ⤷ What are the differences between the RTL8189ES and RTL8189FTV versions of this module?
    • ⤷ How do I configure the SDIO driver for this module in a Linux environment?
    • ⤷ What is the typical power consumption of the BL-R2139B during active transmission?