BF908-R_15
AI

The **BF908-R** is an N-channel dual-gate MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) primarily designed for high-frequency amplification and mixing applications in the VHF and UHF ranges.
### 1. Key Technical Specifications
The "R" suffix typically refers to the pinning configuration (reverse pinning) or specific packaging orientation. Below are the standard electrical characteristics for the BF908 series:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DS}$ | 12 | V |
| Drain Current | $I_D$ | 30 | mA |
| Total Power Dissipation | $P_{tot}$ | 200 | mW |
| Forward Transfer Admittance | $|y_{fs}|$ | 21 to 30 | mS |
| Gate 1 Leakage Current | $I_{G1SS}$ | < 10 | nA |
| Noise Figure (at 800 MHz) | $NF$ | 1.5 (typ) | dB |
---
### 2. Functional Features
* **Dual-Gate Structure:** The device features two gates. Gate 1 is used for the signal input, while Gate 2 is often used for **Automatic Gain Control (AGC)** or as a local oscillator input in mixing applications.
* **Integrated Protection:** Most versions of the BF908 include integrated back-to-back diodes between the gates and the source to protect the thin oxide layer from electrostatic discharge (ESD).
* **High Gain / Low Noise:** It is optimized for low-noise performance, making it ideal for the front-end stages of radio receivers.
---
### 3. Pinout Configuration (SOT143 Package)
The BF908-R is typically housed in a 4-lead surface-mount package.
| Pin Number | Designation | Description |
| :--- | :--- | :--- |
| 1 | Source | Connected to ground (usually shared with the substrate) |
| 2 | Drain | Output terminal |
| 3 | Gate 2 | Control gate (AGC or LO input) |
| 4 | Gate 1 | Signal input gate |
---
### 4. Typical Applications
1. **VHF/UHF Tuners:** Used in television and radio receivers for signal amplification.
2. **Mixers:** Due to the dual-gate architecture, it can efficiently mix two frequencies (e.g., RF and LO) with high isolation.
3. **Variable Gain Amplifiers:** Gate 2 allows for precise control of the gain without significantly affecting the input impedance at Gate 1.
- ⤷
What is the difference between BF908 and BF908R pinning?
- ⤷ How do I bias Gate 2 for maximum gain in an AGC circuit?
- ⤷ Can the BF908 be used in battery-operated portable RF devices?