Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • B7A-R6A33

  • AI
    The **B7A-R6A33** is a specific model within Omron's B7A interface terminal series. These devices are designed to reduce wiring complexity by multiplexing multiple I/O signals into a single two-wire (or three-wire) transmission line. --- ## 1. Core Specifications The B7A-R6A33 is a **16-point Output Terminal**. It functions as the receiving end of a transmission system, converting the multiplexed signal back into individual discrete outputs. | Parameter | Specification | |:---|:---| | **I/O Points** | 16 Output Points | | **Output Type** | NPN Open Collector | | **Rated Load Voltage** | 12 to 24 VDC | | **Max Load Current** | 50 mA per point | | **Transmission Speed** | Standard (19.2 ms) | | **Transmission Distance** | Up to 500m (at standard speed) | --- ## 2. Key Electronic Components & Features The internal circuitry and external interface of the B7A-R6A33 consist of several critical sections: ### A. Transmission Interface * **SIG (Signal) Line:** Receives the high-speed pulse train from the B7A input module. * **VCC/GND:** Power supply terminals for the internal logic (usually 12-24VDC). * **Error Terminal:** A dedicated output pin that triggers if the transmission is interrupted or if there is a checksum mismatch. ### B. Output Stage (NPN Open Collector) * **Transistor Array:** Uses a series of NPN transistors. When a signal is "ON," the transistor conducts, pulling the load to the common ground (GND). * **Protection:** Usually includes built-in diodes to protect against back-EMF when driving small inductive loads like relays. ### C. Logic and Addressing * **Selector Switches:** Small DIP switches or rotary dials on the unit allow the user to set the transmission speed (Standard vs. High-speed) and sometimes the addressing mode. * **Status LEDs:** * **PWR:** Indicates the unit has power. * **SIG:** Flashes or stays lit to indicate active data reception. * **ERR:** Lights up if a transmission error occurs. --- ## 3. Connection Diagram (Simplified) To use the B7A-R6A33, it must be paired with a compatible 16-point input module (e.g., B7A-T6B1). ```mermaid graph LR Input_Module[B7A Input Module] -- "2-Wire Cable (Signal + GND)" --> B7A_R6A33 B7A_R6A33 -- "16 Outputs" --> Relays/PLC_Inputs/Solenoids ``` ### Wiring Example: ```text [Power Supply 24V] ----> [VCC Terminal] [Power Supply 0V] ----> [GND Terminal] [Signal Wire] ----> [SIG Terminal] [Output 00] ----> [Load (Relay Coil)] ----> [+24V] ``` --- ## 4. Common Applications * **Remote I/O:** Sending 16 signals from a control panel to a remote operator station using only two wires. * **Slip Rings:** Ideal for rotating machinery where the number of physical contacts is limited. * **Cost Reduction:** Minimizing copper usage and labor time in large-scale industrial installations.
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot the ERR LED lighting up on a B7A-R6A33?
    • ⤷ What is the difference between the 'Standard' and 'High-speed' transmission settings?
    • ⤷ Can the B7A-R6A33 be connected directly to a PLC input module?