AI

The **AX-SFEU-API** is a high-performance, ultra-low-power **Sigfox® Verified** transceiver System-on-Chip (SoC) designed by ON Semiconductor (now under the **onsemi** brand). It is specifically engineered for the European market (RC1 region), operating in the 868 MHz ISM band.
---
## 1. Core Technical Specifications
The AX-SFEU-API integrates a micro-controller and a radio transceiver into a single package, making it ideal for miniaturized IoT devices.
| Feature | Specification |
| :--- | :--- |
| **Frequency Band** | 868 MHz (Europe / RC1) |
| **Modulation** | DBPSK (TX), GFSK (RX) |
| **TX Power** | Up to +14 dBm |
| **RX Sensitivity** | -126 dBm @ 600 bps |
| **Interface** | SPI, UART, GPIO |
| **Supply Voltage** | 1.8V to 3.6V |
| **Package** | QFN40 (7mm x 5mm) |
---
## 2. Key Internal Components
### A. The Radio Transceiver
The radio is the heart of the chip. It is designed for **Ultra-Narrow Band (UNB)** communication, which is the foundation of the Sigfox network.
* **High Selectivity:** It can filter out noise effectively, which is crucial for long-range communication.
* **Low Power Consumption:** In "Deep Sleep" mode, it consumes as little as **100 nA**, which allows sensors to run on a small battery for 5–10 years.
### B. Integrated Microcontroller
The "API" suffix indicates that the chip allows the user to program their own application code directly onto the internal microcontroller.
* **Memory:** Includes Flash and RAM for user applications.
* **Processing:** Handles the Sigfox protocol stack internally, so you don't need an external MCU to manage the network connection.
### C. Power Management Unit (PMU)
It features an integrated voltage regulator and management system that allows the chip to operate directly from a single lithium battery (like a CR2032 or Li-SOCl2).
---
## 3. Peripheral Connectivity
To interact with sensors and other hardware, the AX-SFEU-API provides several I/O options:
* **ADC (Analog-to-Digital Converter):** For reading analog sensors like temperature or humidity.
* **GPIOs:** For controlling LEDs, switches, or waking up the chip from external events.
* **Timers:** Used for scheduling transmissions or periodic sensor readings.
---
## 4. Typical Application Circuit
When designing a PCB with the AX-SFEU-API, you generally need the following external components:
1. **Antenna:** Usually a 50Ω PCB trace or a whip antenna.
2. **Matching Network:** A set of inductors and capacitors (L-C circuit) to tune the radio output to the antenna.
3. **Crystal Oscillator:** Typically a TCXO (Temperature Compensated Crystal Oscillator) is required to ensure frequency stability, which is vital for the narrow-band Sigfox signal.
4. **Decoupling Capacitors:** To stabilize the power supply.
---
- ⤷
What is the difference between AX-SFEU and the AX-SFEU-API version?
- ⤷ Can this chip be used for bidirectional communication with Sigfox?
- ⤷ What is the typical range of this chip in an urban environment?