Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ATS-19F-13-C2-R0

  • AI
    The **ATS-19F-13-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is a high-performance heat sink designed for cooling electronic integrated circuits (ICs), such as CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 15.00mm | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 13.70°C/W (Unducted Flow @ 100 LFM) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature used by ATS to identify the component's features: - **ATS-19**: The specific series or design family. - **F**: Indicates the attachment style (Push-Pin). - **13**: Refers to the height of the heat sink (15.00mm in this specific case, based on the product family increments). - **C2**: Refers to the material and finish (Aluminum with a Blue Anodized coating). - **R0**: Refers to the revision or packaging standard. --- ### 3. Key Features * **Push-Pin Mounting:** Uses a flexible "push-pin" system that provides secure attachment with a specific pressure to ensure maximum heat transfer without damaging the PCB. * **Fine Pitch Fins:** Designed for high-density airflow environments, providing a large surface area for heat dissipation within a small footprint. * **Pre-Applied TIM:** Comes with a high-performance Thermal Interface Material (T766) already applied to the base, simplifying the assembly process. * **Lightweight:** Made from aluminum to minimize mechanical stress on the components and the circuit board. --- ### 4. Typical Applications This component is typically found in: * **Networking Equipment:** Routers and switches with high-speed processors. * **Embedded Systems:** Industrial computers and controllers. * **Power Supplies:** Cooling voltage regulators or power transistors. * **Consumer Electronics:** High-end set-top boxes or gaming consoles.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the Blue Anodized finish on this heat sink?
    • ⤷ How do I calculate the thermal resistance required for my specific chip?
    • ⤷ What are the alternative mounting methods if pushPIN is not suitable for my PCB?