ATS-18G-69-C1-R0
AI

The **ATS-18G-69-C1-R0** is a high-performance thermal management component specifically categorized as a **Heat Sink**. It is part of the "superGRIP" series manufactured by Advanced Thermal Solutions (ATS).
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-18G-69-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | superGRIP (Clip On) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 20.00mm |
| **Thermal Resistance** | ~11.00°C/W @ (Unducted Flow) |
| **Fin Pattern** | Straight Fin |
---
### Core Electronic & Mechanical Components
#### 1. The Heat Sink Body
The main body is constructed from **Aluminum**. Aluminum is preferred in electronics for its high thermal conductivity and lightweight properties. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiative cooling.
#### 2. Fin Geometry
This model utilizes a **Straight Fin** design. In electronic cooling, straight fins are optimized for **forced air cooling** (fans). They allow air to flow across the surface area with lower pressure drops compared to cross-cut or pin-fin designs.
#### 3. Attachment Mechanism: superGRIP™
The "R0" suffix often refers to the specific attachment kit included. The **superGRIP** system is a mechanical assembly consisting of:
* **Plastic Frame Clip:** A high-strength plastic frame that attaches to the perimeter of the electronic component (usually a BGA or FPGA).
* **Metal Spring Clip:** A "horseshoe" shaped stainless steel spring that applies constant pressure to the heat sink, ensuring a tight interface with the chip.
* **Thermal Interface Material (TIM):** Usually comes pre-applied or included as a Phase Change Material (PCM) to fill microscopic air gaps between the chip and the aluminum.
---
### Usage in Electronics
This part is typically used to cool high-heat integrated circuits such as:
* **FPGAs** (Field Programmable Gate Arrays)
* **ASICs** (Application-Specific Integrated Circuits)
* **Processors** in telecommunications and networking hardware.
The primary goal is to lower the **Junction Temperature ($T_j$)** of the semiconductor to prevent thermal throttling or permanent hardware failure.
- ⤷
How does the superGRIP attachment compare to push-pins or thermal adhesive?
- ⤷ What is the impact of airflow velocity on the thermal resistance of this heat sink?
- ⤷ Can this specific heat sink be used on components larger than 25mm?