Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ATS-13F-152-C2-R0

  • AI
    The part number **ATS-13F-152-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *push-pin* series, designed for cooling electronic components like CPUs, GPUs, or high-power ASICs. ### 1. Technical Specifications Below is the technical breakdown of the component's physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Al) | | **Fin Type** | XCUT (Cross-cut) | | **Dimensions (L x W x H)** | 35mm x 35mm x 15mm | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Thermal Resistance** | 3.32°C/W (at 200 LFM) | | **Surface Finish** | Blue Anodized | | **Spring Type** | Compression Spring | --- ### 2. Key Component Details #### A. XCUT Fin Design The "XCUT" geometry features a pattern of straight fins that have been cross-cut. This creates a larger surface area and allows for **multi-directional airflow**. It is particularly effective in systems where the direction of the cooling fan's exhaust is not strictly linear. #### B. Push-Pin Attachment The model uses a push-pin mechanism rather than adhesive tape or clips. * **Benefits:** Provides higher mounting pressure for better thermal contact. * **Requirements:** Requires pre-drilled holes in the Printed Circuit Board (PCB). #### C. Thermal Interface Material (TIM) The "C2" suffix in the part number indicates that the heat sink comes pre-applied with **T766 Phase Change Material**. This eliminates the need for manual thermal paste application, ensuring a uniform layer for optimal heat transfer from the chip to the aluminum. --- ### 3. Part Number Breakdown The nomenclature follows a specific logic: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer: Advanced Thermal Solutions | | **13** | Series: Push-Pin attachment series | | **F** | Fin style / Material code | | **152** | Specific size and fin configuration | | **C2** | Thermal Interface Material (T766) | | **R0** | RoHS Compliant / Revision code | --- ### 4. Typical Applications This specific size (35mm x 35mm) is commonly used for: * **Embedded Systems:** Industrial PCs and controllers. * **Networking:** Routers, switches, and small-form-factor servers. * **Telecommunications:** Base station power modules.
    ✨ Follow-up Questions
    • ⤷ What is the hole-to-hole spacing required on the PCB for this heat sink?
    • ⤷ How does the T766 phase change material compare to standard thermal grease?
    • ⤷ What are the alternative attachment methods if my PCB doesn't have holes?