ATS-10F-65-C2-R0
AI

The **ATS-10F-65-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Fin Style** | Straight |
| **Attachment Type** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 7.29°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Interface Material** | T766 (Thermal Grease) |
| **Finish** | Blue Anodized |
---
## 2. Key Component Breakdown
### A. The Heat Sink Body
* **Material:** Made of high-grade aluminum for a balance of weight, cost, and thermal conductivity.
* **Fin Design:** It utilizes a high-density fin pattern to maximize the surface area exposed to the cooling airflow.
* **Finish:** The "Blue Anodized" finish is not just aesthetic; it provides corrosion resistance and slightly improves emissivity for radiant cooling.
### B. The Attachment Mechanism (pushPIN™)
The "F" in the part number indicates the use of the **pushPIN™** system. This consists of:
* **Brass/Plastic Pins:** Secure the heat sink to pre-drilled holes in the PCB.
* **Compression Springs:** Ensure constant and even pressure (Interface Pressure) between the heat sink base and the electronic chip, which is critical for efficient heat transfer.
### C. Thermal Interface Material (TIM)
* The part comes pre-applied with **T766 thermal grease**.
* This eliminates the microscopic air gaps between the component surface and the heat sink base, ensuring the lowest possible thermal resistance at the contact point.
---
## 3. Usage Context
This part is commonly used in industrial and computing applications where reliable cooling is required for medium-power components.
```yaml
Application_Scenarios:
- Networking_Equipment: Switches and Routers
- Industrial_PC: Embedded systems in high-heat environments
- Power_Supplies: Cooling MOSFETs or Voltage Regulators
- Prototyping: Standard 45mm footprint for common IC packages
```
- ⤷
What are the advantages of push-pin mounting over adhesive thermal tape?
- ⤷ How does the 'LFM' (Linear Feet per Minute) rating affect the cooling performance of this part?
- ⤷ Are there alternative fin designs like cross-cut or pin-fin for this specific footprint?