ATS-08F-101-C3-R0
AI

The **ATS-08F-101-C3-R0** is a high-performance electronic thermal management component. Specifically, it is an **Advanced Thermal Solutions (ATS) push-pin heatsink** designed for cooling integrated circuits (ICs) and other surface-mount components.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Mounting Type** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 6.77°C/W @ 100 LFM |
| **Fin Type** | Straight Fin |
---
## 2. Key Components & Materials
### A. The Heatsink Body
The main body is made of **Aluminum**, which is chosen for its excellent thermal conductivity-to-weight ratio. The **Blue Anodized** finish is not just aesthetic; it provides:
* Increased corrosion resistance.
* Improved surface emissivity (enhanced radiant heat transfer).
* Electrical insulation of the surface.
### B. The Mounting Mechanism (Push-Pins)
This part utilizes a **Push-Pin and Spring** system.
* **Plastic Push-Pins:** These provide a secure, vibration-resistant attachment to the PCB.
* **Springs:** They provide a precise amount of downward pressure (clamping force) on the electronic component to ensure optimal contact with the thermal interface material (TIM).
### C. Thermal Interface Material (TIM)
Usually, these parts come with a **pre-applied phase-change material** or thermal tape on the base. This fills microscopic air gaps between the heatsink and the chip, significantly lowering thermal resistance.
---
## 3. Performance Data (Airflow)
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural) | 6.77 |
| 200 | 2.52 |
| 300 | 1.70 |
| 400 | 1.30 |
---
## 4. Typical Applications
This part is commonly used for cooling:
* **CPUs/GPUs** in embedded systems.
* **FPGAs** (Field Programmable Gate Arrays).
* **ASICs** (Application-Specific Integrated Circuits).
* High-speed networking equipment and telecommunications modules.
- ⤷
How do I calculate the required hole pattern on a PCB for this push-pin heatsink?
- ⤷ What is the difference between the C3 and R0 suffixes in the part number?
- ⤷ Can this heatsink be used with a custom thermal paste instead of the pre-applied TIM?