Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ATS-04H-15-C2-R0

  • AI
    The **ATS-04H-15-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Dimensions (L x W x H)** | 45mm x 45mm x 10mm | | **Thermal Resistance** | 7.44°C/W (at 100 LFM) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Key Features * **pushPIN™ Attachment:** This system uses a spring-loaded mechanism to ensure high pressure and a secure fit against the electronic component, optimizing heat transfer. * **Low Profile:** With a height of only 10mm, it is ideal for compact electronic assemblies and 1U server racks. * **Fin Design:** It features a **fine pitch** or **high-density fin** structure, maximizing the surface area for convective cooling. * **Thermal Interface Material:** It comes pre-applied with T766 phase-change material, eliminating the need for manual application of thermal paste. --- ### 3. Thermal Performance Profile The effectiveness of the heat sink depends on the airflow (measured in Linear Feet per Minute - LFM): | Airflow (LFM) | Thermal Resistance (°C/W) | Pressure Drop (in-H2O) | | :--- | :--- | :--- | | 100 (Unducted) | 7.44 | 0.05 | | 300 (Unducted) | 3.12 | 0.15 | | 500 (Unducted) | 2.25 | 0.25 | --- ### 4. Applications The ATS-04H-15-C2-R0 is commonly used in: * **Telecommunications:** High-speed routers and switches. * **Embedded Systems:** Industrial PCs and controllers. * **Power Supplies:** Cooling MOSFETs and voltage regulators. * **Storage Devices:** SSD controllers and RAID cards. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I calculate the required airflow for this specific heat sink?
    • ⤷ Can the push-pin size be customized for different PCB thicknesses?