AI

The **AS1123** is a high-performance, 8-channel, constant-current LED driver designed specifically for applications requiring high precision and local dimming capabilities. It is commonly manufactured by **ams OSRAM**.
---
## 1. Key Specifications
The following table outlines the technical parameters of the AS1123:
| Parameter | Value / Range |
| :--- | :--- |
| **Number of Channels** | 8 Constant-Current Outputs |
| **Current Range** | 0.5mA to 40mA (adjustable via external resistor) |
| **Interface** | 30MHz Serial Peripheral Interface (SPI) |
| **Output Voltage** | Up to 30V |
| **Supply Voltage (Vdd)** | 3.0V to 5.5V |
| **PWM Resolution** | 16-bit (65,536 steps) |
| **Diagnostic Features** | Open-LED, Short-LED, Over-temperature |
---
## 2. Core Functional Blocks
The AS1123 integrates several electronic subsystems into a single chip to manage LED strings efficiently:
### A. Constant Current Sinks
The 8 outputs are designed as constant current sinks. This ensures that the brightness of the LEDs remains uniform regardless of fluctuations in the forward voltage ($V_f$) of the LEDs.
### B. 16-Bit PWM Generator
Each channel has an independent PWM (Pulse Width Modulation) generator. This allows for extremely fine-grained dimming control, which is essential for high-quality video displays and backlighting.
### C. Serial Interface (SPI)
The device uses a high-speed SPI bus (Data Input, Clock, Load, and Data Output). The "Data Output" pin allows for **daisy-chaining** multiple AS1123 chips together to control hundreds of LEDs using only one SPI master.
---
## 3. Typical Application Circuit
To use the AS1123, you typically need a few external components:
* **$I_{set}$ Resistor:** Connected to the `REXT` pin to define the maximum current for all channels.
* **Decoupling Capacitors:** Usually 0.1µF and 10µF near the $V_{dd}$ pin to filter power noise.
```cpp
// Pseudocode for setting brightness via SPI
void setBrightness(int channel, uint16_t pwm_value) {
SPI.beginTransaction();
SPI.transfer(channel_address);
SPI.transfer16(pwm_value); // Send 16-bit dimming data
SPI.endTransaction();
pulseLatch(); // Latch data to outputs
}
```
---
## 4. Diagnostic & Protection Features
The AS1123 is "intelligent" compared to basic drivers:
1. **Open/Short Detection:** It can report if an LED has failed (open circuit) or if a wire is shorted, preventing damage to the driver.
2. **Thermal Shutdown:** If the chip exceeds its safe operating temperature, it automatically shuts down the outputs to prevent permanent silicon damage.
- ⤷How do you calculate the REXT resistor value for a specific current?
- ⤷ What is the difference between AS1123 and AS1130?
- ⤷ How do you daisy-chain multiple AS1123 drivers in a circuit?