AS102P-64G-RBL
AI

The **AS102P-64G-RBL** is a high-performance Flash Memory storage module, commonly associated with the **eMMC (embedded Multi-Media Controller)** standard. This specific part is frequently used in mobile devices, automotive systems, and industrial embedded computing due to its high density and integrated controller.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Storage Capacity** | 64 GB |
| **Interface** | eMMC 5.1 (backward compatible) |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Operating Voltage** | Vcc (Core): 2.7V - 3.6V / Vccq (I/O): 1.7V - 1.95V |
| **Data Bus Width** | 1-bit, 4-bit, or 8-bit |
| **Flash Type** | MLC (Multi-Level Cell) or TLC (Triple-Level Cell) |
---
### 2. Key Electronic Components
The device is an integrated "System-in-Package" (SiP) consisting of three main internal components:
1. **NAND Flash Array:** The raw storage area where data is physically stored in memory cells.
2. **Embedded Controller:** This acts as the "brain." It manages:
* **Bad Block Management:** Identifies and skips faulty memory sectors.
* **Wear Leveling:** Ensures data is written evenly across cells to extend lifespan.
* **Error Correction Code (ECC):** Automatically fixes data bit errors.
3. **Host Interface:** Translates the standard eMMC protocol commands into physical operations on the Flash memory.
---
### 3. Pinout and Connectivity
As an **FBGA package**, the electronic connection is made via solder balls on the underside of the chip. This design offers:
* **Reduced Signal Interference:** Short paths between the chip and the PCB.
* **High Thermal Dissipation:** Better heat transfer to the circuit board.
* **Compact Footprint:** Saves space in small electronics like smartphones or IoT gateways.
---
### 4. Typical Applications
* **Consumer Electronics:** Tablets, Smart TVs, and Set-top boxes.
* **Automotive:** Infotainment systems and Dash-cams (due to shock resistance).
* **Industrial:** Digital signage and thin-client computers.
- ⤷
What are the read/write speeds of the AS102P-64G-RBL?
- ⤷ Is this part compatible with industrial temperature ranges?
- ⤷ How does eMMC differ from a standard SD card in terms of circuitry?