AS05004PR-2-WR-R
AI

### AS05004PR-2-WR-R Overview
The **AS05004PR-2-WR-R** is a high-quality, miniature waterproof speaker manufactured by **PUI Audio**. It is part of their "AS" series, specifically designed for applications where space is limited but moisture protection is required.
---
### Technical Specifications
Below are the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 4 Ohms ±15% |
| **Rated Power (RMS)** | 2.0 Watts |
| **Max Power Handling** | 3.0 Watts |
| **Frequency Range** | 200 Hz ~ 20,000 Hz |
| **Sensitivity (SPL)** | 82 dB @ 1W / 0.5m |
| **Ingress Protection** | IP65 (Waterproof/Dustproof) |
| **Diaphragm Material** | Polyetheretherketone (PEEK) |
---
### Key Electronic & Design Features
#### 1. Waterproofing (IP65 Rating)
The "-WR" suffix in the part number indicates **Water Resistant**. The speaker utilizes a specialized PEEK diaphragm and a treated surround that prevents water ingress into the voice coil and magnet assembly, making it suitable for outdoor or medical environments.
#### 2. Compact Form Factor
Measuring approximately **50mm x 50mm** (or roughly 2 inches), it is designed for low-profile enclosures. It features a square frame with pre-drilled mounting holes for secure mechanical integration.
#### 3. High-Output Performance
Despite its small size, the 2.0W rated power allows for clear audio signaling and voice reproduction. The 4-ohm impedance is ideal for modern Class-D audio amplifiers commonly found in battery-powered IoT devices.
#### 4. Connectivity
The "-R" at the end of the part number typically denotes **RoHS compliance**. These speakers usually come with lead wires (WR-R version) rather than solder pads, allowing for easier integration into sealed housings without direct soldering onto the speaker frame.
---
### Common Applications
* **Medical Devices:** Handheld monitors or diagnostic tools requiring sanitization.
* **Outdoor Security:** Intercoms, smart doorbells, and sirens.
* **IoT Gateways:** Voice prompts for smart home hubs located in kitchens or bathrooms.
* **Marine Electronics:** Instrument panels for small watercraft.
---
- ⤷What is the difference between 4-ohm and 8-ohm versions for amplifier matching?
- ⤷ Does the IP65 rating allow for full submersion in water?
- ⤷ How does the PEEK diaphragm material affect sound quality compared to paper?