Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • APL1000-R

  • AI
    The **APL1000-R** is a specialized power management component, typically categorized as a **Linear Regulator (LDO)** or a **Power Distribution Switch**, depending on the specific application board. It is widely used in motherboards, notebook computers, and peripheral power control circuits. --- ### 1. Key Technical Specifications Below are the general characteristics typically associated with the APL1000 series: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Low Dropout Regulator (LDO) / Power Switch | | **Input Voltage Range** | 1.2V to 5.5V | | **Output Voltage** | Adjustable or Fixed (Application specific) | | **Max Output Current** | ~1A | | **Package Type** | SOT-223 / SOP-8 | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Components The internal architecture of the APL1000-R usually consists of the following electronic sub-parts: * **Pass Transistor:** Typically a P-channel MOSFET that regulates the flow of current from input to output. * **Error Amplifier:** Compares the output voltage (via a feedback loop) to an internal reference voltage to maintain stability. * **Voltage Reference:** A high-precision bandgap reference used to ensure a constant output regardless of temperature changes. * **Protection Circuitry:** * *Thermal Shutdown:* Disables the chip if it exceeds safe operating temperatures. * *Current Limit:* Prevents damage during a short-circuit or over-current event. * *Under-Voltage Lockout (UVLO):* Ensures the device does not operate until the input voltage is high enough for stable performance. --- ### 3. Pin Configuration (Common SOP-8 Example) While packages vary, the standard pinout for this series often includes: 1. **VIN:** Input Supply. 2. **VOUT:** Regulated Output. 3. **GND:** Ground Reference. 4. **EN (Enable):** Logic high/low to turn the chip on or off. 5. **FB / ADJ:** Feedback pin for setting the output voltage using external resistors. --- ### 4. Typical Application Circuit When integrating the APL1000-R, the following external components are usually required: ```mermaid graph LR A[Input Cap 10uF] --> B[APL1000-R] B --> C[Output Cap 10uF] B --> D[Feedback Resistors] D -.-> B ``` * **Capacitors:** Ceramic capacitors (MLCC) are used on the input and output pins to filter noise and ensure loop stability. * **Resistor Divider:** Used on the FB pin to program the specific output voltage desired for the load.
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the APL1000-R and the APL1001 model?
    • ⤷ Can you provide a PCB footprint layout recommendation for the SOT-223 version?
    • ⤷ What is the maximum power dissipation (Pd) for this part under standard conditions?