Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • APL0477.19-R

  • AI
    The **APL0477.19-R** is a specific electronic component typically identified as a **Power Management Integrated Circuit (PMIC)**, commonly used in high-end mobile devices and tablets, most notably within the Apple hardware ecosystem (e.g., iPads or MacBooks). Below is a breakdown of its technical aspects and characteristics. --- ### 1. General Specifications The APL0477 series represents high-integration power management chips designed to regulate voltage and manage battery distribution. | Feature | Details | | :--- | :--- | | **Component Type** | Power Management IC (PMIC) | | **Package Type** | BGA (Ball Grid Array) | | **Primary Function** | Voltage Regulation, Power Sequencing, Charging Control | | **Manufacturer** | Apple (Custom Silicon / Proprietary) | | **Common Application** | Logic boards for iPad/MacBook series | --- ### 2. Key Internal Functions The "R" in the suffix usually denotes a specific revision or packaging variant (often "Tape & Reel" for automated assembly). Its primary roles include: * **Buck/Boost Conversion:** Converts the battery or input voltage into multiple specific rails (e.g., 1.8V, 0.9V, 3.3V) required by the CPU, GPU, and RAM. * **LDO Regulators:** Provides low-noise, linear voltage regulation for sensitive analog components like audio chips or sensors. * **Power Sequencing:** Ensures that different parts of the processor power up in the correct chronological order to prevent hardware latch-up or damage. * **Thermal Monitoring:** Integrated thermal sensors communicate with the system to throttle power if temperatures exceed safe limits. --- ### 3. Repair and Diagnostics In the context of board-level repair (micro-soldering), this chip is a frequent point of failure in "No Power" scenarios. #### Common Symptoms of Failure: 1. **Short to Ground:** Large capacitors around the APL0477 show 0 ohms, preventing the device from booting. 2. **No Output Rails:** The chip receives input voltage (PPBATT_VCC) but fails to output necessary voltages (PP1V8_S2, etc.). 3. **Overheating:** The chip becomes physically hot to the touch immediately when power is applied. #### Replacement Notes: ```text - Precision: Requires BGA reballing skills (0.3mm - 0.4mm pitch). - Heat Sensitivity: Use controlled hot air (approx. 350°C - 380°C) to avoid delamination. - Compatibility: Must match the exact part number; "APL" chips are often tied to specific board revisions. ``` ---
    ✨ Follow-up Questions
    • ⤷What specific iPad or MacBook models use the APL0477.19-R?
    • ⤷ What are the pinout specifications for the BGA pattern of this chip?
    • ⤷ How can I test if the APL0477 is faulty using a multimeter?