Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AMDLH4020S-R68M

  • AI
    The **AMDLH4020S-R68M** is a high-performance, surface-mount (SMD) power inductor typically used in DC-DC converter circuits. It belongs to the family of metal alloy molded inductors, which are known for their high current density and stability. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Dimensions** | Approx. 4.0 x 4.0 x 2.0 mm | | **DCR (Direct Current Resistance)** | Low (typically < 10-15 mΩ) | | **Saturation Current ($I_{sat}$)** | High (typically 10A - 15A range) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Composition and Design The "LH" series usually refers to a **Molded Construction**, which offers several advantages over traditional wire-wound ferrite inductors: * **Magnetic Shielding:** The molded metal powder body acts as a natural shield, significantly reducing Electromagnetic Interference (EMI). * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply when current increases, the metal alloy core provides a "soft" saturation curve, maintaining stability under peak loads. * **Ruggedness:** The solid construction makes it highly resistant to mechanical shock and vibration. --- ### 3. Application Use Cases This specific part (0.68µH) is categorized as a low-inductance, high-current component, making it ideal for high-frequency switching applications: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery. 2. **Point of Load (POL) Converters:** Essential for stepping down voltage for FPGAs or ASICs. 3. **Battery Powered Devices:** Used in smartphones and tablets due to its compact "4020" (4x4x2mm) footprint. 4. **DC-DC Converters:** High-efficiency buck or boost converters requiring low DCR to minimize power loss. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly, the standard breakdown is as follows: | Code | Meaning | | :--- | :--- | | **AMDL** | Series/Manufacturer Prefix | | **4020** | Physical Size (4.0mm x 4.0mm x 2.0mm) | | **S** | Standard / Shielded type | | **R68** | Inductance Value (R denotes decimal: 0.68) | | **M** | Tolerance Code (M = ±20%) |
    ✨ Follow-up Questions
    • ⤷ What are the primary competitors to this inductor in terms of brand and series?
    • ⤷ How does the 'soft saturation' characteristic benefit a DC-DC buck converter?
    • ⤷ What is the maximum current rating (Irms) for this specific 0.68uH model?