Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AM2D-1209SH30-RZ

  • AI
    The **AM2D-1209SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in industrial and communication electronics. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 10.8V to 13.2V (Nominal 12V) | | **Output Voltage** | 9V DC | | **Output Current** | 222 mA (Max) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 3000 VDC (High Isolation) | | **Efficiency** | ~75% - 80% | | **Package Type** | SIP7 (Single In-line Package) | --- ### 2. Functional Breakdown This part belongs to the category of **Isolated Unregulated DC-DC Converters**. Here is a breakdown of its internal electronic functions: * **Isolation Barrier:** The "30" in the part number indicates a 3000VDC isolation. This creates a physical and electrical barrier between the input and output, protecting sensitive downstream components from high-voltage spikes or ground loops. * **Voltage Conversion:** It takes a nominal 12V input and steps it down to a stable 9V output. * **Short Circuit Protection:** The "RZ" suffix typically denotes that the unit is equipped with continuous short-circuit protection, meaning the device will not be destroyed if the output pins are accidentally bridged. --- ### 3. Pinout Configuration (SIP7) The device typically follows a standard 7-pin SIP layout (though some pins may be omitted): | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input Voltage (Ground) | | 5 | -Vout | Negative Output Voltage | | 7 | +Vout | Positive Output Voltage | --- ### 4. Typical Applications * **Industrial Controls:** Powering sensors that require isolated 9V power to prevent noise interference. * **Data Acquisition:** Used in circuits where the analog side must be isolated from the digital noise of a microprocessor. * **Telecom Equipment:** Providing local power distribution on line cards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between regulated and unregulated DC-DC converters?
    • ⤷ Can this part be used in medical equipment requiring patient protection?
    • ⤷ How do I calculate the thermal derating for this component?