Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AM25LS2520PMB

  • AI
    The **AM25LS2520PMB** is a high-performance integrated circuit manufactured by Advanced Micro Devices (AMD). It belongs to the **Low-power Schottky (LS)** family of TTL logic devices. Specifically, it is a **6-Bit Register with Clear and Clock Enable**, often used in microprogramming and high-speed data buffering applications. --- ### ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | Low-power Schottky (LS) | | **Function** | 6-Bit Register (D-Type Flip-Flops) | | **Input Type** | TTL Compatible | | **Output Type** | 3-State (Tri-state) | | **Package Type** | PMB (Ceramic Hermetic DIP or Flatpack variant) | | **Supply Voltage (Vcc)** | 4.75V to 5.25V (Standard 5V) | | **Operating Temperature** | Military or Industrial Grade (standard for PMB suffixes) | --- ### ## Key Features 1. **6-Bit Architecture:** It contains six individual D-type flip-flops capable of storing 6 bits of data simultaneously. 2. **Clock Enable ($\overline{EN}$):** Allows the register to retain data regardless of clock transitions unless the enable pin is pulled low. This is crucial for synchronizing data flow. 3. **Direct Clear ($\overline{CLR}$):** An asynchronous input that resets all flip-flop outputs to a low state (0) immediately, regardless of the clock or enable signals. 4. **3-State Outputs:** The outputs can be set to a high-impedance state, allowing multiple devices to share a single data bus without interference. --- ### ## Pin Functionality The device typically operates using the following logic pins: * **D0 - D5:** Data Inputs (6 bits). * **Q0 - Q5:** Data Outputs (6 bits). * **CP (Clock Pulse):** Data is loaded into the register on the Low-to-High (positive) transition of this clock. * **$\overline{OE}$ (Output Enable):** When low, outputs are active. When high, outputs are in a high-impedance state. * **$\overline{CLR}$ (Clear):** Resets all internal registers to zero when low. * **$\overline{EN}$ (Enable):** Gated control for the clock pulse. --- ### ## Common Applications * **Microinstruction Registers:** Used in CPU architecture to hold control words. * **Pipeline Registers:** Facilitates data movement between stages in high-speed processing. * **Bus Buffering:** Managing data flow between different parts of a computer system via the 3-state outputs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AM25LS2520 and the standard 74LS series registers?
    • ⤷ Can you provide the pinout diagram for the PMB package?
    • ⤷ How does the 'Low-power Schottky' technology impact the switching speed versus power consumption?