Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ALDN-11-R

  • AI
    ## Analysis of ALDN-11-R (Panasonic Industrial Devices) The **ALDN-11-R** belongs to the **LD-N series** of power relays manufactured by Panasonic. These are compact, slim-type power relays specifically designed for high-density mounting in consumer electronics and industrial controls. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Nominal Coil Voltage** | 12V DC | | **Contact Rating (Resistive)** | 5A @ 277V AC / 5A @ 30V DC | | **Max. Switching Power** | 1,385 VA / 150 W | | **Coil Power Consumption** | Approx. 200 mW | | **Dielectric Strength** | 4,000 Vrms (between contacts and coil) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Characteristics * **Compact Design:** The "LD-N" series is known for its slim profile, typically measuring around 20.3mm x 7.0mm x 15.0mm. This makes it ideal for PCBs where space is at a premium. * **High Sensitivity:** With a 200mW nominal operating power, it can be driven by relatively low-power circuits compared to standard industrial relays. * **High Insulation:** It provides high surge resistance (10,000V) and a high dielectric strength, ensuring safety between the control circuit (coil) and the load circuit (contacts). * **RoHS Compliant:** The "R" suffix typically denotes compliance with environmental regulations regarding hazardous substances. --- ### 3. Pinout and Internal Logic The device uses a standard 4-pin configuration for 1 Form A relays: ```text Internal Wiring Diagram (Top View) (Coil) [1] ●-------┐ | [ ] (Coil) | (Coil) [2] ●-------┘ (COM) [3] ●-------/ -------● [4] (N.O.) ``` --- ### 4. Common Applications Due to its 5A rating and slim form factor, the ALDN-11-R is frequently found in: * **Home Appliances:** Refrigerators, washing machines, and air conditioners for controlling fans or small motors. * **Industrial Equipment:** PLC (Programmable Logic Controller) output modules. * **Office Automation:** Printers and copiers for power distribution management. * **Smart Home Devices:** Smart plugs and lighting controllers.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the ALDN-11-R from other manufacturers?
    • ⤷ What is the minimum switching load required for reliable operation of this relay?
    • ⤷ How does the ALDN-11-R compare to the standard LD series in terms of life expectancy?