AISC-Q0603HQ-R36
AI

The **AISC-Q0603HQ-R36** is a high-performance, high-Q surface mount (SMD) inductor. It belongs to the **AISC-Q0603HQ** series manufactured by Abracon. These components are specifically engineered for high-frequency RF applications where low loss and high stability are required.
---
## 1. Technical Specifications
The part number can be decoded to understand its fundamental properties:
* **0603**: Represents the physical package size (0.06 x 0.03 inches).
* **HQ**: High Quality/High-Q factor.
* **R36**: Indicates the inductance value (0.36 µH or 360 nH).
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 360 nH |
| **Tolerance** | Usually ±5% (J) or ±2% (G) |
| **Q Factor (Min)** | High (typically 20-40 at specific frequencies) |
| **Self-Resonant Frequency (SRF)** | > 500 MHz (Approximate) |
| **DC Resistance (DCR)** | Low (to minimize power loss) |
| **Rated Current** | Typically between 100mA to 400mA |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Key Internal Characteristics
### A. Ceramic Core Construction
Unlike standard power inductors that use ferrite cores, the AISC-Q series typically utilizes a **ceramic core**. This provides:
* **Excellent Thermal Stability:** The inductance remains constant over a wide temperature range.
* **High SRF:** Minimal parasitic capacitance, allowing the inductor to function at very high frequencies before behaving like a capacitor.
### B. High-Q Factor
The "HQ" designation stands for High-Q. In electronics, the Q factor represents the efficiency of the inductor (Ratio of Inductive Reactance to Resistance). A high Q means:
* Lower energy loss.
* Sharper resonance in filter circuits.
---
## 3. Typical Applications
Due to its high-frequency stability and 360nH inductance value, this part is commonly found in:
* **RF Matching Networks:** Impedance matching for antennas in WiFi or Bluetooth modules.
* **Filter Circuits:** Low-pass, high-pass, and band-pass filters for signal processing.
* **VCOs:** Voltage Controlled Oscillators requiring stable inductive components.
* **Automotive Electronics:** The "Q" in the series often implies AEC-Q200 qualification, making it suitable for harsh automotive environments.
---
## 4. Footprint and Mounting
The **0603 (1608 Metric)** footprint is a standard size that allows for high-density PCB layouts while still being manageable for automated pick-and-place machines.
```text
[ Top View ]
_______
| |
| 0603 | <-- 1.6mm x 0.8mm
|_______|
```
- ⤷What is the significance of AEC-Q200 qualification for this inductor?
- ⤷ How does a ceramic core compare to a ferrite core in RF applications?
- ⤷ What is the maximum frequency this inductor can handle before reaching self-resonance?