Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AISC-1008-R75

  • AI
    The **ASIC-1008-R75** is a high-frequency, surface-mount (SMT) wire-wound chip inductor. These components are critical in RF (Radio Frequency) circuits for filtering, tuning, and impedance matching. --- ### 1. Technical Specifications The part number follows a standardized naming convention where "1008" refers to the physical size and "R75" refers to the inductance value. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.75 µH (750 nH) | | **Package Size** | 1008 (2.5 mm x 2.0 mm) | | **Core Material** | Ceramic (usually) or Ferrite | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Typical Tolerance** | ±5% (J) or ±10% (K) | --- ### 2. Key Electronic Characteristics Wire-wound inductors like the ASIC-1008 series are preferred over multilayer inductors in high-performance applications due to several factors: * **High Q Factor:** The wire-wound construction provides significantly higher Quality (Q) factors, leading to lower signal loss in resonant circuits. * **SRF (Self-Resonant Frequency):** These parts are designed to operate at high frequencies. For a 0.75 µH inductor, the SRF is typically in the range of **150 MHz to 400 MHz**. * **Current Handling:** They can handle higher DC currents (typically between 200mA to 500mA for this specific value) compared to multilayer alternatives of the same size. * **DCR (DC Resistance):** They maintain low resistance to minimize power dissipation and heat. --- ### 3. Applications The ASIC-1008-R75 is commonly integrated into the following systems: 1. **RF Tranceivers:** Used in mobile phones, Wi-Fi modules, and Bluetooth devices for signal processing. 2. **Filter Networks:** Employed in Low Pass, High Pass, and Band Pass filters to eliminate noise. 3. **Impedance Matching:** Ensures maximum power transfer between the antenna and the RF front-end. 4. **Oscillators:** Acts as a frequency-determining element in VCOs (Voltage Controlled Oscillators). --- ### 4. Component Identification Example If you are looking at a datasheet, the code is broken down as follows: ```text ASIC - 1008 - R75 - J - T | | | | |_ Packaging (Tape & Reel) | | | |_____ Tolerance (e.g., J = ±5%) | | |___________ Inductance (R75 = 0.75 µH) | |__________________ Size Code (2.5mm x 2.0mm) |_________________________ Series Name ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core in 1008 inductors?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ What are the recommended soldering profiles for ASIC-1008 series components?