Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • AISC-0603-R0033

  • AI
    The part number **AISC-0603-R0033** refers to a high-frequency wire-wound chip inductor, typically manufactured by Abracon. This component is designed for RF (Radio Frequency) circuits where high precision and high Q factors are required. ### 1. Part Number Breakdown The nomenclature reveals the physical and electrical characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **AISC** | Series | Abracon Inductor Surface Ceramic (Wire-wound) | | **0603** | Case Size | Imperial size (0.06 x 0.03 inches) / Metric 1608 | | **R0033** | Inductance | 3.3 nH (Nanohenries) | --- ### 2. Key Technical Specifications Based on the standard datasheet for the AISC-0603 series, here are the typical electrical parameters for the **R0033** (3.3 nH) variant: | Parameter | Value | | :--- | :--- | | **Inductance** | 3.3 nH | | **Tolerance** | Usually ±0.3nH or ±5% (J) | | **Quality Factor (Q) min** | 20 @ 250MHz | | **Self-Resonant Frequency (SRF)** | > 6000 MHz (6 GHz) | | **DC Resistance (DCR) max** | 0.08 Ω | | **Maximum Rated Current** | 700 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Construction and Features * **Ceramic Core:** The "C" in AISC signifies a ceramic body, which provides excellent thermal stability and a high SRF compared to ferrite cores. * **Wire-Wound Design:** Unlike multilayer inductors, the wire-wound construction offers much lower DC resistance and significantly higher Q factors, making it ideal for signal integrity. * **Small Footprint:** The 0603 package is a standard surface-mount (SMD) size, balancing ease of assembly with PCB space savings. --- ### 4. Typical Applications This specific inductor (3.3 nH) is used in high-frequency applications, including: 1. **RF Matching Networks:** Impedance matching for antennas in WiFi or Bluetooth modules. 2. **Filter Circuits:** Low-pass or high-pass filters in telecommunications. 3. **VCOs:** Voltage Controlled Oscillators requiring stable inductance at GHz frequencies. 4. **Power Amplifiers:** Decoupling and biasing in RF front-ends.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor in RF circuits?
    • ⤷ How does the 'Q factor' affect the performance of this inductor?
    • ⤷ What are the recommended soldering profiles for 0603 SMD components?