AH472M
AI

The **AH472M** refers to a high-voltage ceramic disc capacitor, specifically a **Safety Certified Y-Class Capacitor**. These components are critical in power supply design for filtering electromagnetic interference (EMI) and ensuring user safety.
---
### 1. Technical Specifications
The alphanumeric code "472M" follows standard industry labeling conventions for capacitance and tolerance.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance Code** | 472 | 47 followed by two zeros (4,700 pF or 4.7 nF) |
| **Tolerance** | M | ±20% |
| **Safety Class** | Y1 or Y2 | Determined by sub-series (usually Y2 for standard AH) |
| **Voltage Rating** | 250V - 400V AC | Rated for AC line applications |
| **Dielectric Material** | Ceramic (Class II) | Typically Y5U or Y5V temperature coefficients |
---
### 2. Breakdown of the Marking "472M"
The code is interpreted using the "Picofarad System":
* **47**: The first two digits represent the significant figures.
* **2**: The third digit is the multiplier ($10^2$).
* **Calculation**: $47 \times 100 = 4,700$ pF.
* **Conversion**: $4,700 \text{ pF} = 4.7 \text{ nF} = 0.0047 \mu\text{F}$.
---
### 3. Key Functions & Applications
These capacitors are specifically designed for "Line-to-Ground" (Y-capacitor) applications.
* **EMI/RFI Suppression**: They filter out high-frequency noise from the power line to the ground to prevent interference with other electronics.
* **Safety Isolation**: They are designed to fail **open** rather than shorted. This prevents the chassis of a device from becoming "live" and causing an electric shock to the user if the capacitor fails.
* **Common Use Cases**:
* Switching Mode Power Supplies (SMPS).
* AC Adapters/Chargers.
* Household appliances (Washing machines, Refrigerators).
* Industrial automation power rails.
---
### 4. Physical Characteristics
* **Body**: Usually encapsulated in a blue or orange flame-retardant epoxy resin (UL94V-0 rated).
* **Leads**: Radial wire leads for Through-Hole Technology (THT) mounting on PCBs.
* **Markings**: Usually include safety logos (UL, VDE, CQC) indicating they meet international safety standards (IEC 60384-14).
---
- ⤷
What is the difference between an X-class and a Y-class capacitor?
- ⤷ Can I replace an AH472M with a capacitor of a higher voltage rating?
- ⤷ How do temperature coefficients like Y5U affect the performance of this capacitor?