AFB0812VHB-R00
AI

The **AFB0812VHB-R00** is a high-performance DC axial fan manufactured by **Delta Electronics**. It is part of the AFB series, known for its reliability in computer and industrial cooling applications.
### 1. Technical Specifications
Below are the primary electrical and mechanical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Frame Size** | 80 x 80 x 15 mm |
| **Rated Voltage** | 12 VDC |
| **Operating Voltage Range** | 7.0 to 13.8 VDC |
| **Rated Current** | 0.30 A (Max 0.45 A) |
| **Rated Input Power** | 3.60 W |
| **Speed** | 3700 RPM |
| **Air Flow** | 39.40 CFM (1.116 $m^3/min$) |
| **Static Pressure** | 4.49 mm $H_2O$ |
| **Noise Level** | 40.0 dB-A |
| **Bearing Type** | Dual Ball Bearing |
---
### 2. Key Electronic Features
The model number contains specific suffixes that define its electronic behavior:
* **Dual Ball Bearing System:** Unlike sleeve bearings, the dual ball bearing system allows for both vertical and horizontal mounting and offers a significantly longer lifespan (L10 life of ~70,000 hours at 40°C).
* **Brushless DC (BLDC) Motor:** It utilizes a 3-phase or 4-pole brushless motor, which reduces electromagnetic interference (EMI) and increases efficiency.
* **Protection Features:**
* **Locked Rotor Protection:** Prevents the motor from burning out if the blades are physically obstructed.
* **Polarity Protection:** Protects the internal circuitry if the positive and negative leads are accidentally reversed.
---
### 3. The "-R00" Suffix (Sensor Type)
The **-R00** designation is critical for the electronic interface. It indicates the type of output signal provided on the third wire:
1. **Sensor Type:** **Lock Sensor (High-to-Low).**
2. **Function:** Also known as a "Failure Alarm."
3. **Operation:**
* When the fan is spinning normally, the output signal is **Low** (Logic 0).
* If the fan stops or is blocked (Lock condition), the signal goes **High** (Logic 1).
4. **Wiring:** Usually consists of three wires:
* **Red:** Positive (+12V)
* **Black:** Negative (GND)
* **Blue:** Lock Sensor Output (Open Collector)
---
### 4. Typical Applications
Due to its thin profile (15mm) and high static pressure, this fan is commonly found in:
* 1U/2U Rackmount Servers.
* Power Supply Units (PSUs).
* Compact Desktop PCs (Small Form Factor).
* Industrial control cabinets requiring status monitoring via the Lock Sensor.
- ⤷
What is the difference between the -R00 Lock Sensor and a -F00 Tachometer signal?
- ⤷Can this fan be controlled via PWM (Pulse Width Modulation)?
- ⤷How should the 'Open Collector' output of the R00 sensor be wired to a microcontroller?