Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADP7183ACPZN3.0-R7

  • AI
    The **ADP7183ACPZN3.0-R7** is a high-performance, low-dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for applications requiring high precision and extremely low noise. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | -2.0 V to -5.5 V | | **Fixed Output Voltage** | -3.0 V | | **Maximum Output Current** | 300 mA | | **Dropout Voltage** | 130 mV (typical at 300 mA) | | **PSRR (Power Supply Rejection Ratio)** | 85 dB (at 1 kHz); 40 dB (at 1 MHz) | | **Output Noise** | 4 μV rms (10 Hz to 100 kHz) | | **Package Type** | 8-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture of the ADP7183 is optimized for negative voltage regulation: * **Error Amplifier:** Compares the internal reference voltage with the feedback from the output to ensure tight regulation. * **Low Noise Reference:** Uses a specialized buried Zener or bandgap reference to keep the 1/f noise to an absolute minimum. * **Pass Transistor:** A PMOS pass element is utilized to provide low dropout performance, allowing the device to operate efficiently even when the input voltage is close to the output voltage. * **Precision Enable (EN):** Allows the chip to be turned on or off with a logic signal, drawing less than 2 μA in shutdown mode. --- ### 3. Application Use Cases Due to its ultralow noise floor and high PSRR, this part is ideal for: 1. **RF and Microwave Circuits:** Powering sensitive VCOs (Voltage Controlled Oscillators) and PLLs (Phase Locked Loops). 2. **Data Converters:** Providing clean negative rails for high-speed ADCs and DACs. 3. **Medical Imaging:** Used in ultrasound and MRI front-end receivers where signal integrity is critical. 4. **Instrumentation:** Low-noise analog front-ends in lab equipment. --- ### 4. Part Number Breakdown The suffixing follows Analog Devices’ standard nomenclature: * **ADP7183:** The base model (Ultralow Noise Negative LDO). * **ACPZ:** Indicates the package (LFCSP) and RoHS compliance. * **N3.0:** Specifies the fixed **-3.0 V** output. * **R7:** Indicates the shipping method (**7-inch Tape and Reel**, typically containing 1,500 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended input and output capacitor values for the ADP7183?
    • ⤷ How does this negative LDO differ from a standard positive LDO in terms of pinout?
    • ⤷ Can the ADP7183 be used in an adjustable output configuration?