Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADP3629ARMZ-R7

  • AI
    ## Technical Overview of ADP3629ARMZ-R7 The **ADP3629ARMZ-R7** is a high-speed, dual, 2 A MOSFET driver designed by Analog Devices. It is specifically engineered to drive two independent N-channel power MOSFETs with high efficiency and precision. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Driver Configuration** | Low-Side | | **Number of Drivers** | 2 (Dual) | | **Output Current** | 2 A (Peak) | | **Supply Voltage Range** | 4.5 V to 18 V | | **Rise / Fall Time** | 10 ns / 10 ns (typical) | | **Propagation Delay** | 30 ns (typical) | | **Operating Temp** | -40°C to +125°C | | **Package** | MSOP-8 (Micro Small Outline Package) | --- ### 2. Core Functional Features * **High-Speed Switching:** The extremely fast rise and fall times (10 ns) minimize switching losses, making it ideal for high-frequency power converters. * **Precise Input Thresholds:** It features high-precision inputs that are compatible with TTL and CMOS levels, regardless of the supply voltage ($V_{DD}$). * **Dual-Channel Independence:** The two channels operate independently but are matched for delay, allowing for synchronous switching applications. * **UVLO (Under Voltage Lockout):** Ensures the driver does not attempt to switch the MOSFETs when the supply voltage is too low to guarantee a fully "on" state, protecting the power stage from overheating. --- ### 3. Pin Configuration The device is housed in an 8-lead MSOP package. Below is the standard pinout structure: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **INA** | Logic Input for Channel A | | 2 | **GND** | Ground | | 3 | **OUTA** | Driver Output for Channel A | | 4 | **VDD** | Power Supply (4.5V to 18V) | | 5 | **OUTB** | Driver Output for Channel B | | 6 | **VDD** | Power Supply (Second Pin) | | 7 | **GND** | Ground (Second Pin) | | 8 | **INB** | Logic Input for Channel B | --- ### 4. Typical Applications The ADP3629 is commonly used in power management circuits where high-speed gate driving is required: * **Switch Mode Power Supplies (SMPS):** Driving MOSFETs in DC-DC converters. * **Motor Control:** Driving H-bridge or half-bridge MOSFET configurations. * **Synchronous Rectification:** Improving efficiency in secondary-side power conversion. * **Pulse Transformer Drivers:** Providing the necessary current to drive inductive loads. --- ### 5. Implementation Example (Simplified Logic) The inputs use logic-level signals to toggle the high-current outputs. Here is a conceptual representation of the behavior: ```c // Pseudo-logic for the ADP3629 Driver if (INA == HIGH) { OUTA = VDD; // Drive MOSFET Gate High } else { OUTA = GND; // Pull MOSFET Gate Low (Turn Off) } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADP3629 and the ADP3630?
    • ⤷ How does the 'R7' suffix affect the ordering and packaging of this part?
    • ⤷ What decoupling capacitor values are recommended for the VDD pins in this driver?