Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADP2381AREZ-R7

  • AI
    The **ADP2381AREZ-R7** is a high-efficiency, synchronous step-down (buck) switching regulator manufactured by Analog Devices. It is designed to convert a higher input voltage into a lower regulated output voltage while maintaining high power efficiency. --- ## 1. Key Technical Specifications Below are the primary electrical characteristics of the ADP2381AREZ-R7: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 20 V | | **Output Voltage Range** | Adjustable from 0.6 V up to 90% of Vin | | **Maximum Output Current** | 6 Amperes | | **Switching Frequency** | Adjustable (250 kHz to 1.4 MHz) | | **Efficiency** | Up to 94% | | **Package Type** | 16-Lead QSOP-EP (Enhanced Pad) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Core Functional Components The device integrates several critical electronic sections into a single chip to minimize external component count: ### Internal MOSFETs It features integrated high-side and low-side N-channel power MOSFETs. The low-side MOSFET acts as a synchronous rectifier, which significantly reduces power loss compared to using an external Schottky diode. ### Control Architecture The part uses **Current Mode Control**. This provides several benefits: * Fast line and load transient response. * Simplified loop compensation (the process of making the power supply stable). * Cycle-by-cycle current limiting for protection. ### Programmable Features * **RT Pin:** Allows the user to set the switching frequency using an external resistor. * **Synchronization:** It can be synchronized to an external clock to reduce system noise. * **Soft Start:** An external capacitor can be used to control the "ramp-up" speed of the output voltage to prevent inrush current. --- ## 3. Protection Mechanisms To ensure reliability in industrial and communications equipment, the ADP2381 includes: 1. **Overcurrent Protection (OCP):** Limits the peak current to prevent damage during a short circuit. 2. **Thermal Shutdown (TSD):** Automatically turns off the device if the internal junction temperature exceeds safety limits (typically ~150°C). 3. **Undervoltage Lockout (UVLO):** Prevents the chip from operating if the input voltage is too low to drive the internal MOSFET gates properly. 4. **Power Good (PGOOD):** An open-drain output that signals when the output voltage is within the regulated range. --- ## 4. Typical Application Circuit A standard implementation requires a few external passive components: an inductor (L), input/output capacitors (Cin/Cout), and a resistor divider for voltage setting. ```markdown Vin ----[Cin]----(PVIN) | [ADP2381AREZ]----(SW)----[Inductor]----(Vout) | | (GND) [Cout] | (GND) ``` --- ## 5. Part Number Suffix Breakdown * **AREZ:** Indicates the package (QSOP with exposed pad) and RoHS compliance. * **R7:** Indicates the packaging format (7-inch Tape and Reel, typically containing 1,000 pieces).
    ✨ Follow-up Questions
    • ⤷ How do I calculate the inductor value for an ADP2381 circuit?
    • ⤷ What are the advantages of the 'Exposed Pad' in the QSOP package?
    • ⤷ Can the ADP2381 be used for parallel output configurations?