Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADP2147ACBZ-110-R7

  • AI
    The **ADP2147ACBZ-110-R7** is a high-efficiency, step-down (buck) switching regulator designed by Analog Devices. It is specifically engineered for power-constrained applications like smartphones, tablets, and portable medical devices. --- ## 1. Technical Specifications Below are the key electrical characteristics of the ADP2147ACBZ-110-R7: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage (Fixed)** | 1.1 V | | **Output Current** | Up to 800 mA | | **Switching Frequency** | 3 MHz | | **Efficiency** | Up to 95% | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Pin Count** | 6-ball | --- ## 2. Key Features * **High Switching Frequency:** Operating at 3 MHz allows the use of very small inductors and capacitors, reducing the overall PCB footprint. * **Automatic Mode Switching:** Transitions between **PWM** (Pulse Width Modulation) for high loads and **PSM** (Power Save Mode) for light loads to maximize battery life. * **Internal Compensation:** Simplifies the design process by reducing the need for external components. * **Protection Circuits:** Includes undervoltage lockout (UVLO), soft start, thermal shutdown, and short-circuit protection. --- ## 3. Pin Configuration (Typical WLCSP-6) The device uses a compact 6-ball layout to save space. | Pin Name | Function | | :--- | :--- | | **VIN** | Input Power Supply | | **VOUT** | Regulated Output Voltage (1.1 V) | | **SW** | Switching Node (Connection to Inductor) | | **GND** | Ground | | **EN** | Enable Pin (High = On, Low = Off) | | **FB** | Feedback (Internally connected for fixed versions) | --- ## 4. Application Circuit Example A typical circuit requires minimal external components: an input capacitor, an output capacitor, and a power inductor. ```markdown VIN (2.3V-5.5V) ----[Cin]----( VIN ) | ( SW )----[ Inductor (1.0uH) ]----+---- VOUT (1.1V) | | ( GND ) [Cout] | | Ground ----------------------------+ ``` --- ## 5. Usage Scenarios * **Mobile Devices:** Powering core processors or memory rails that require a steady 1.1V. * **Wearables:** Due to its tiny WLCSP footprint, it is ideal for smartwatches. * **Optical Modules:** Providing low-noise, efficient power to transceivers.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this chip?
    • ⤷ How does the Power Save Mode (PSM) affect output ripple compared to PWM mode?
    • ⤷ Are there adjustable output versions of the ADP2147 series?