Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADP2108ACBZ-2.3-R7

  • AI
    ### Overview of the ADP2108ACBZ-2.3-R7 The **ADP2108ACBZ-2.3-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter produced by Analog Devices. It is specifically designed for portable applications where board space and power efficiency are critical. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.3 V (Fixed) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Max Output Current** | 600 mA | | **Switching Frequency** | 3 MHz | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Pins** | 5-ball | | **Efficiency** | Up to 95% | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Features 1. **High Switching Frequency:** The 3 MHz frequency allows the use of tiny, low-profile inductors and ceramic capacitors, minimizing the total solution footprint. 2. **Power Saving Mode (PSM):** At light loads, the device automatically transitions from PWM (Pulse Width Modulation) to PFM (Pulse Frequency Modulation) mode to maintain high efficiency and extend battery life. 3. **Internal Compensation:** The control loop is internally compensated, which reduces the number of external components required, simplifying the circuit design. 4. **Protection Circuitry:** * **Under-Voltage Lockout (UVLO):** Prevents the device from operating at insufficient input voltages. * **Thermal Shutdown:** Protects the chip from overheating. * **Short-Circuit Protection:** Safeguards the IC during fault conditions. --- ### Typical Application Circuit To implement this part, a standard configuration requires only three external components: ```mermaid graph LR Vin[Input Voltage] --> Cin(Input Capacitor) Vin --> IC[ADP2108] IC --> L1(Inductor) L1 --> Cout(Output Capacitor) Cout --> Vout[2.3V Output] ``` ### Component Selection Table | Component | Recommended Value | Purpose | | :--- | :--- | :--- | | **Input Capacitor** | 4.7 µF (Ceramic) | Decouples input supply noise. | | **Output Capacitor** | 4.7 µF to 10 µF | Smooths the output voltage ripple. | | **Inductor** | 1.0 µH | Energy storage for the buck conversion. | --- ### Common Use Cases * Mobile Phones and Smartphones. * Personal Media Players. * Wireless Handsets and Handheld Instruments. * Low Voltage DSP and Processor Core Power.
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the WLCSP package to ensure thermal stability?
    • ⤷ How does the efficiency curve change when transitioning from PWM to PFM mode?
    • ⤷ Can this regulator be used with an input voltage higher than 5.5V?