ADP172ACBZ-2.9-R7
AI

The **ADP172ACBZ-2.9-R7** is a low dropout (LDO) linear regulator designed for high-performance analog and mixed-signal applications where space and power efficiency are critical.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 2.9V (Fixed) |
| **Input Voltage Range** | 1.6V to 3.6V |
| **Maximum Output Current** | 300 mA |
| **Dropout Voltage** | 50 mV @ 300 mA load |
| **Quiescent Current (No Load)** | 23 µA |
| **Shutdown Current** | < 1 µA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **PSRR** | 70 dB @ 1 kHz |
---
### 2. Functional Description
The ADP172 series is optimized for battery-operated devices. Its main internal components include:
* **Internal Reference:** Provides a stable voltage base for the regulation loop.
* **Error Amplifier:** Compares the feedback voltage with the internal reference to maintain 2.9V output.
* **Pass Transistor:** A P-channel MOSFET that regulates the flow of current from input to output.
* **Protection Circuitry:**
* *Thermal Overload Protection:* Prevents damage from overheating.
* *Short-Circuit Protection:* Limits current if the output is grounded.
---
### 3. Application Circuit Example
To operate this LDO, minimal external components are required. It is designed to be stable with small 1 µF ceramic capacitors.
```c
// Typical Connection Diagram
[Vin] ----[ 1uF Cap ]---- (IN) (OUT) ----[ 1uF Cap ]---- [Vout: 2.9V]
| |
( ADP172 )
| |
[Enable] ---------------- (EN) (GND) ------------------- [Ground]
```
---
### 4. Part Number Breakdown: `ADP172ACBZ-2.9-R7`
Understanding the nomenclature helps in identifying variants:
* **ADP172:** Model series (300mA, Low Quiescent Current LDO).
* **A:** Operating temperature range (-40°C to +125°C).
* **CBZ:** WLCSP package (Halogen-free/RoHS compliant).
* **2.9:** Output voltage (Fixed 2.9 Volts).
* **R7:** 7-inch reel packaging (typically 3,000 units).
---
### 5. Typical Use Cases
* **Mobile Phones:** Powering camera modules or sensors.
* **Wearables:** Ideal for smartwatches due to the tiny WLCSP footprint.
* **Portable Medical Equipment:** Low noise output ensures sensor accuracy.
* **Digital Cameras:** Stable 2.9V rail for image processors.
- ⤷
What are the main advantages of using a WLCSP package over a standard SOT-23?
- ⤷ How does the Power Supply Rejection Ratio (PSRR) affect sensitive analog sensors?
- ⤷ Can this LDO handle input voltages higher than 3.6V?