Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • ADP1051ACPZ-R7

  • AI
    ### Overview of the ADP1051ACPZ-R7 The **ADP1051ACPZ-R7** is an advanced digital controller manufactured by **Analog Devices**. It is specifically designed for high-density, isolated DC-to-DC power supply applications. It integrates the functionality of a traditional analog PWM controller with the flexibility of digital processing. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Device Type** | Digital Secondary-Side Controller | | **Input Voltage Range** | 3.0V to 3.6V | | **Supply Current** | 20 mA to 35 mA | | **PWM Resolution** | 625 ps | | **Communication Protocol** | PMBus / I2C Interface | | **Package / Case** | 24-WFQFN Exposed Pad (4x4 mm) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Features #### 1. Digital Control Loop Unlike traditional analog controllers that use resistors and capacitors for loop compensation, the ADP1051 uses a **proportional-integral-derivative (PID)** filter in the digital domain. This allows for: * Real-time adjustments to transient responses. * Programmable soft start and soft stop. * No thermal drift issues commonly associated with analog components. #### 2. PMBus Interface The device features a dedicated **PMBus (Power Management Bus)** interface. This allows a host system to: * Monitor output current, voltage, and temperature. * Configure protection thresholds (Over-voltage, Over-current). * Fine-tune performance parameters without hardware changes. #### 3. PWM Generation It provides 6 high-resolution PWM outputs. These are capable of driving various topologies, including: * Full-bridge phase-shifted. * Half-bridge. * Two-stage interleaved synchronous buck. --- ### Pin Configuration Categories | Group | Function | | :--- | :--- | | **Power** | VDD, AGND, DGND (Digital and Analog power separation) | | **Feedback** | VS+, VS- (Differential remote sensing for output voltage) | | **Control** | PWM1 to PWM6 (Signal outputs for gate drivers) | | **Communication** | SCL, SDA, ALT (I2C/PMBus clock, data, and alert lines) | | **ADC Inputs** | CS1, CS2 (Current sensing inputs) | --- ### Typical Applications * **Data Center Power Supplies:** High-efficiency AC-DC and DC-DC power modules. * **Telecommunications Infrastructure:** Isolated 48V to 12V converters. * **Industrial Systems:** High-density power conversion for automated machinery. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a digital controller like the ADP1051 over an analog PWM controller?
    • ⤷ Which external components are typically required to complete a power stage with the ADP1051?
    • ⤷ How is the PID loop configured in the ADP1051 software interface?