ADM6346-37ARTZ-R7
AI

The **ADM6346-37ARTZ-R7** is a low-power, precision microprocessor (µP) supervisory circuit designed to monitor power supplies in digital systems. It primarily functions as a "reset generator" to ensure that a system starts or restarts under controlled voltage conditions.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ADM6346-37ARTZ-R7:
| Parameter | Specification |
| :--- | :--- |
| **Threshold Voltage ($V_{TH}$)** | 3.70V (Typical) |
| **Supply Current ($I_{CC}$)** | 1 µA (Typical) - Ultra Low Power |
| **Output Type** | Open-Drain, Active-Low ($\overline{RESET}$) |
| **Reset Timeout Period** | 100 ms (Minimum) |
| **Operating Voltage Range** | 1.0V to 5.5V |
| **Package / Case** | SOT-23-3 (Surface Mount) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Components
The internal architecture consists of several critical electronic stages:
#### A. Precision Voltage Reference and Comparator
The chip contains an internal bandgap reference and a comparator. It continuously monitors the $V_{CC}$ pin. When the supply voltage falls below the factory-set threshold (3.70V in this specific model), the comparator triggers the reset logic.
#### B. Delay Timer (Reset Timeout)
Once $V_{CC}$ rises above the threshold, the device does not release the reset signal immediately. It waits for a fixed duration (minimum 100ms). This "Timeout Period" ensures that the power supply has stabilized and the system clock is running before the microprocessor begins execution.
#### C. Open-Drain Output Stage
The output is an **Open-Drain** configuration. This means:
* It requires an external **pull-up resistor** connected to a voltage source (usually $V_{CC}$ or the logic level of the CPU).
* It allows for "Wired-OR" logic, where multiple reset sources can be connected to the same reset line.
---
### 3. Pin Configuration
The device uses a compact 3-pin SOT-23 package:
1. **GND**: Ground reference.
2. **$\overline{RESET}$**: The active-low output signal. It stays LOW if $V_{CC}$ is below the threshold or during the timeout period.
3. **$V_{CC}$**: The power supply input and the voltage being monitored.
---
### 4. Application Circuit Example
To use this part, a pull-up resistor (typically 10kΩ to 100kΩ) is placed between the $\overline{RESET}$ pin and the logic supply.
```text
Vcc (3.7V+)
|
[Pull-up Resistor]
|
+------> To Microcontroller RESET Pin
|
[Pin 2: RESET]
ADM6346-37
[Pin 1: GND] ----> Ground
[Pin 3: Vcc] ----> Main Supply Line
```
---
### 5. Part Number Breakdown
* **ADM6346**: The base series (Low power, Open-drain output).
* **37**: Indicates the 3.70V nominal threshold voltage.
* **ARTZ**: Refers to the SOT-23 package and Lead-Free (RoHS) status.
* **R7**: Indicates the Tape and Reel packaging size (7-inch reel).
- ⤷What is the difference between an open-drain and a push-pull reset output?
- ⤷ How do I calculate the appropriate pull-up resistor value for this chip?
- ⤷ Can this chip be used for 3.3V logic systems?